Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML9371 Datasheet(PDF) 1 Page - OKI electronic componets

No. de pieza ML9371
Descripción Electrónicos  64-Channel Organic EL Cathode Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OKI [OKI electronic componets]
Página de inicio  http://www.oki.com
Logo OKI - OKI electronic componets

ML9371 Datasheet(HTML) 1 Page - OKI electronic componets

  ML9371 Datasheet HTML 1Page - OKI electronic componets ML9371 Datasheet HTML 2Page - OKI electronic componets ML9371 Datasheet HTML 3Page - OKI electronic componets ML9371 Datasheet HTML 4Page - OKI electronic componets ML9371 Datasheet HTML 5Page - OKI electronic componets ML9371 Datasheet HTML 6Page - OKI electronic componets ML9371 Datasheet HTML 7Page - OKI electronic componets ML9371 Datasheet HTML 8Page - OKI electronic componets ML9371 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
OKI Semiconductor
PEDL9371-01
Issue Date: Dec. 9, 2002
ML9371
Preliminary
64-Channel Organic EL Cathode Driver
1/11
GENERAL DESCRIPTION
The ML9371 is an organic EL cathode driver LSI with 64 outputs. Since this LSI has the output condition setting
function, which allows setting of all outputs High, all outputs Low, and all outputs High Impedance, the user can
set driving methods suited to the characteristics of individual organic EL panel. When combined with ML9361 the
organic EL anode driver, the ML9371 can drive a 64
× 128 full-dot panel.
FEATURES
• Logic power supply voltage
: 3.0 to 5.5 V
• EL drive voltage
: 8.0 to 30 V
• Cathode outputs
: 64 outputs
• Cathode low output current
: 150 mA (max.)
• Cathode high output current
: –50 mA (max.)
• Cathode low ON-resistance
: 5
Ω (max.)
• Cathode high ON-resistance
: 100
Ω (max.)
• All outputs High, all outputs Low, all outputs High Impedance
• Package
: Gold bump chip (TCP is tailored for each customer requirement)


Número de pieza similar - ML9371

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML937 LANSDALE-ML937 Datasheet
407Kb / 2P
   Hex Inverter
ML937 LANSDALE-ML937 Datasheet
436Kb / 2P
   Hex Inverter
ML937 LANSDALE-ML937_08 Datasheet
436Kb / 2P
   Hex Inverter
More results

Descripción similar - ML9371

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OKI electronic componet...
ML9361 OKI-ML9361 Datasheet
335Kb / 19P
   128-Channel Organic EL Anode Driver
ML9352 OKI-ML9352 Datasheet
302Kb / 53P
   128-Channel Organic EL Driver with Built-in RAM
logo
Nippon Precision Circui...
SM8143A NPC-SM8143A_06 Datasheet
115Kb / 8P
   EL Driver
SM8145A NPC-SM8145A Datasheet
112Kb / 7P
   Dual EL Driver
SM8140A NPC-SM8140A Datasheet
66Kb / 6P
   EL Driver IC
SM8143A NPC-SM8143A Datasheet
75Kb / 6P
   EL Sheet Driver
logo
Supertex, Inc
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
   EL Lamp Driver
logo
Nippon Precision Circui...
SM8146AD1 NPC-SM8146AD1 Datasheet
304Kb / 19P
   EL Driver IC
SM8142 NPC-SM8142 Datasheet
102Kb / 8P
   EL Sheet Driver
SM8141 NPC-SM8141 Datasheet
81Kb / 8P
   EL Sheet Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com