Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LDTA143TM3T5G Datasheet(PDF) 3 Page - Leshan Radio Company

No. de pieza LDTA143TM3T5G
Descripción Electrónicos  Bias Resistor Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTA143TM3T5G Datasheet(HTML) 3 Page - Leshan Radio Company

  LDTA143TM3T5G Datasheet HTML 1Page - Leshan Radio Company LDTA143TM3T5G Datasheet HTML 2Page - Leshan Radio Company LDTA143TM3T5G Datasheet HTML 3Page - Leshan Radio Company LDTA143TM3T5G Datasheet HTML 4Page - Leshan Radio Company LDTA143TM3T5G Datasheet HTML 5Page - Leshan Radio Company LDTA143TM3T5G Datasheet HTML 6Page - Leshan Radio Company LDTA143TM3T5G Datasheet HTML 7Page - Leshan Radio Company LDTA143TM3T5G Datasheet HTML 8Page - Leshan Radio Company LDTA143TM3T5G Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LESHAN RADIO COMPANY, LTD.
LDTA114EM3T5G_S-3/11
LDTA114EM3T5G_Series
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector−Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter−Base Cutoff Current
LDTA114EM3T5G
(VEB = 6.0 V, IC = 0)
LDTA124EM3T5G
LDTA144EM3T5G
LDTA114YM3T5G
LDTA114TM3T5G
LDTA143TM3T5G
LDTA123EM3T5G
LDTA143EM3T5G
LDTA143ZM3T5G
LDTA124XM3T5G
LDTA123JM3T5G
LDTA115EM3T5G
LDTA144WM3T5G
IEBO
0.5
0.2
0.1
0.2
0.9
1.9
2.3
1.5
0.18
0.13
0.2
0.05
0.13
mAdc
Collector−Base Breakdown Voltage (IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector−Emitter Breakdown Voltage (Note 3.)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS (Note 3.)
DC Current Gain
LDTA114EM3T5G
(VCE = 10 V, IC = 5.0 mA)
LDTA124EM3T5G
LDTA144EM3T5G
LDTA114YM3T5G
LDTA114TM3T5G
LDTA143TM3T5G
LDTA123EM3T5G
LDTA143EM3T5G
LDTA143ZM3T5G
LDTA124XM3T5G
LDTA123JM3T5G
LDTA115EM3T5G
LDTA144WM3T5G
hFE
35
60
80
80
160
160
8.0
15
80
80
80
80
80
60
100
140
140
250
250
15
27
140
130
140
150
140
Collector−Emitter Saturation Voltage (IC = 10 mA, IE = 0.3 mA)
(IC = 10 mA, IB = 5 mA) LDTA123EM3T5G
(IC = 10 mA, IB = 1 mA) LDTA114TM3T5G/LDTA143TM3T5G/
LDTA143ZM3T5G/LDTA124XM3T5G/LDTA143EM3T5G
VCE(sat)
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
LDTA114EM3T5G
LDTA124EM3T5G
LDTA114YM3T5G
LDTA114TM3T5G
LDTA143TM3T5G
LDTA123EM3T5G
LDTA143EM3T5G
LDTA143ZM3T5G
LDTA124XM3T5G
LDTA123JM3T5G
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW)
LDTA144EM3T5G
(VCC = 5.0 V, VB = 5.5 V, RL = 1.0 kW)
LDTA115EM3T5G
(VCC = 5.0 V, VB = 4.0 V, RL = 1.0 kW)
LDTA144WM3T5G
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kW)
LDTA114TM3T5G
LDTA143TM3T5G
LDTA123EM3T5G
LDTA143EM3T5G
VOH
4.9
Vdc
3. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%
Version 1.0


Número de pieza similar - LDTA143TM3T5G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LDTA143TM3T5G LRC-LDTA143TM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results

Descripción similar - LDTA143TM3T5G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
   Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com