Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMBT5550LT1G Datasheet(PDF) 1 Page - Leshan Radio Company

No. de pieza LMBT5550LT1G
Descripción Electrónicos  High Voltage Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT5550LT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBT5550LT1G Datasheet HTML 1Page - Leshan Radio Company LMBT5550LT1G Datasheet HTML 2Page - Leshan Radio Company LMBT5550LT1G Datasheet HTML 3Page - Leshan Radio Company LMBT5550LT1G Datasheet HTML 4Page - Leshan Radio Company LMBT5550LT1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
LMBT5550LT1–1/5
1
3
2
LMBT5550LT1
LMBT5551LT1
SOT–23
High Voltage Transistors
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
140
Vdc
Collector–Base Voltage
V CBO
160
Vdc
Emitter–Base Voltage
V EBO
6.0
Vdc
Collector Current — Continuous
I C
600
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
PD
225
mW
TA = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
Total Device Dissipation
PD
300
mW
Alumina Substrate, (2) TA = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ ,Tstg
–55 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage(3)
V (BR)CEO
Vdc
(I C = 1.0 mAdc, I B = 0)
LMBT5550
140
LMBT5551
160
Collector–Base Breakdown Voltage
V (BR)CBO
Vdc
(I C = 100
µAdc, I E = 0)
LMBT5550
160
LMBT5551
180
Emitter–Base Breakdown Voltage
V (BR)EBO
Vdc
(I E = 10
µAdc, I C = 0)
6.0
Collector Cutoff Current
I CBO
( V CB = 100Vdc, I E = 0)
LMBT5550
100
nAdc
( V CB = 120Vdc, I E = 0)
LMBT5551
50
( V CB = 100Vdc, I E = 0, T A=100 °C)
LMBT5550
100
µAdc
( V CB = 120Vdc, I E = 0, T A=100 °C)
LMBT5551
50
Emitter Cutoff Current
I EBO
50
nAdc
( V BE = 4.0Vdc, I C= 0)
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
3. Pulse Test: Pulse Width = 300
µs, Duty Cycle = 2.0%.
2
EMITTER
3
COLLECTOR
1
BASE
FEATURE
Pb-Free package is available.
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
LMBT5550LT1
M1F
3000/Tape&Reel
LMBT5550LT1G
(Pb-Free)
M1F
3000/Tape&Reel
LMBT5551LT1
G1
3000/Tape&Reel
LMBT5551LT1G
(Pb-Free)
G1
3000/Tape&Reel


Número de pieza similar - LMBT5550LT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LMBT5550LT1G LRC-LMBT5550LT1G Datasheet
135Kb / 5P
   High Voltage Transistors RoHS requirements.
More results

Descripción similar - LMBT5550LT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
   High Voltage Transistors
logo
Leshan Radio Company
LMBT6517LT1G LRC-LMBT6517LT1G_15 Datasheet
253Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA92L ONSEMI-MMBTA92L Datasheet
103Kb / 4P
   High Voltage Transistors
October, 2016 ??Rev. 11
logo
List of Unclassifed Man...
2SC507 ETC1-2SC507 Datasheet
79Kb / 1P
   High Voltage Transistors
logo
Guangdong Kexin Industr...
MMBT5550 KEXIN-MMBT5550 Datasheet
43Kb / 2P
   High Voltage Transistors
logo
Zowie Technology Corpor...
MMBT5550G ZOWIE-MMBT5550G Datasheet
218Kb / 4P
   High Voltage Transistors
logo
ON Semiconductor
BSP16T1G ONSEMI-BSP16T1G Datasheet
118Kb / 3P
   High Voltage Transistors
September, 2010 -- Rev. 7
logo
Motorola, Inc
BC450 MOTOROLA-BC450 Datasheet
243Kb / 6P
   High Voltage Transistors
MMBT5550LT1 MOTOROLA-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA42L ONSEMI-MMBTA42L Datasheet
95Kb / 6P
   High Voltage Transistors
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com