Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LMUN5114DW1T1 Datasheet(PDF) 2 Page - Leshan Radio Company |
|
LMUN5114DW1T1 Datasheet(HTML) 2 Page - Leshan Radio Company |
2 / 12 page LESHAN RADIO COMPANY, LTD. LMUN5111DW–2/12 DEVICE MARKING AND RESISTOR VALUES Device Package Marking R 1(K) R 2(K) Shipping LMUN5111DW1T1 SOT–363 0A 10 10 3000/Tape & Reel LMUN5112DW1T1 SOT–363 0B 22 22 3000/Tape & Reel LMUN5113DW1T1 SOT–363 0C 47 47 3000/Tape & Reel LMUN5114DW1T1 SOT–363 0D 10 47 3000/Tape & Reel LMUN5115DW1T1 (Note 3.) SOT–363 0E 10 – 3000/Tape & Reel LMUN5116DW1T1 (Note 3.) SOT–363 0F 4.7 – 3000/Tape & Reel LMUN5130DW1T1 (Note 3.) SOT–363 0G 1.0 1.0 3000/Tape & Reel LMUN5131DW1T1 (Note 3.) SOT–363 0H 2.2 2.2 3000/Tape & Reel LMUN5132DW1T1 (Note 3.) SOT–363 0J 4.7 4.7 3000/Tape & Reel LMUN5133DW1T1 (Note 3.) SOT–363 0K 4.7 47 3000/Tape & Reel LMUN5134DW1T1 (Note 3.) SOT–363 0L 22 47 3000/Tape & Reel LMUN5135DW1T1 (Note 3.) SOT–363 0M 2.2 47 3000/Tape & Reel LMUN5136DW1T1 (Note 3.) SOT–363 0N 100 100 3000/Tape & Reel LMUN5137DW1T1 (Note 3.) SOT–363 0P 47 22 3000/Tape & Reel ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted, common for Q 1 and Q 2 ) Characteristic Symbol Min Typ Max Unit OFF CHARACTERISTICS Collector-Base Cutoff Current (V CB = –50 V, I E = 0) I CBO – – –100 nAdc Collector-Emitter Cutoff Current (V CE = –50 V, I B = 0) I CEO – – –500 nAdc Emitter-Base Cutoff Current LMUN5111DW1T1 (V EB = –6.0 V, I C = 0) LMUN5112DW1T1 LMUN5113DW1T1 LMUN5114DW1T1 LMUN5115DW1T1 LMUN5116DW1T1 LMUN5130DW1T1 LMUN5131DW1T1 LMUN5132DW1T1 LMUN5133DW1T1 LMUN5134DW1T1 LMUN5135DW1T1 LMUN5136DW1T1 LMUN5137DW1T1 LMUN5111DW1T1 Series I EBO – – – – – – – – – – – – – – – – – – – – – – – – – – – – –0.5 –0.2 –0.1 –0.2 –0.9 –1.9 –4.3 –2.3 –1.5 –0.18 –0.13 –0.2 –0.05 –0.13 mAdc Collector-Base Breakdown Voltage (I C = –10 µA, I E = 0) V (BR)CBO –50 – – Vdc Collector-Emitter Breakdown Voltage(Note 4.)(IC = –2.0 mA,I B=0) V (BR)CEO –50 – – Vdc ON CHARACTERISTICS (Note 4.) Collector-Emitter Saturation Voltage (IC= –10mA,IE= –0.3 mA) V CE(sat) – – –0.25 Vdc (I C= –10mA, I B= –5mA) LMUN5130DW1T1/LMUN5131DW1T1 (I C= –10mA, IB= –1mA) LMUN5115DW1T1/LMUN5116DW1T1 LMUN5132DW1T1/LMUN5133DW1T1/LMUN5134DW1T1 3. New resistor combinations. Updated curves to follow in subsequent data sheets. 4. Pulse Test: Pulse Width < 300 µs, Duty Cycle < 2.0% |
Número de pieza similar - LMUN5114DW1T1 |
|
Descripción similar - LMUN5114DW1T1 |