Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L9015LT1 Datasheet(PDF) 1 Page - Leshan Radio Company

No. de pieza L9015LT1
Descripción Electrónicos  General Purpose Transistors PNP Silicon
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L9015LT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  L9015LT1 Datasheet HTML 1Page - Leshan Radio Company L9015LT1 Datasheet HTML 2Page - Leshan Radio Company L9015LT1 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
L9015*LT1-1/3
MAXIMUM RATINGS
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
45
V
Collector-Base Voltage
VCBO
50
V
Emitter-Base Voltage
VEBO
5V
Collector current-continuoun
IC
100
mA
THERMAL CHARATEERISTICS
Symbol
Max
Unit
Total Device Dissipation FR-5 Board.
PD
225
mW
1.8
mW/
oC
Thermal Resistance, Junction to Ambient
R?JA
556
oC/W
PD
300
mW
2.4
mW/
oC
Thermal Resistance, Junction to Ambient
R?JA
417
oC/W
Junction and Storage Temperature
TJ ,Tstg
-55 to +150
oC
Total Device Dissipation
Alumina Substrate, (2) TA=25
oC
Derate above 25
oC
Rating
Characteristic
TA=25
oC
Derate above 25
oC
General Purpose Transistors
PNP Silicon
FEATURE
Complementary to L9014.
Pb-Free package is available.
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
L9015QLT1
15Q
3000/Tape&Reel
L9015QLT1G
(Pb-Free)
15Q
3000/Tape&Reel
L9015RLT11
15R
3000/Tape&Reel
L9015RLT1G
(Pb-Free)
15R
3000/Tape&Reel
L9015SLT1
15S
3000/Tape&Reel
L9015SLT1G
(Pb-Free)
15S
3000/Tape&Reel
L9015*LT1
1
3
2
SOT– 23
1
BASE
COLLECTOR
3
2
EMITTER


Número de pieza similar - L9015LT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
L9015QLT1G LRC-L9015QLT1G Datasheet
100Kb / 4P
   General Purpose Transistors
L9015QLT1G LRC-L9015QLT1G Datasheet
119Kb / 4P
   General Purpose Transistors PNP Silicon
logo
Shanghai Leiditech Elec...
L9015QLT1G LEIDITECH-L9015QLT1G Datasheet
422Kb / 4P
   PNP Silicon
logo
Leshan Radio Company
L9015QLT1G LRC-L9015QLT1G_15 Datasheet
160Kb / 4P
   General Purpose Transistors
L9015QLT3G LRC-L9015QLT3G Datasheet
100Kb / 4P
   General Purpose Transistors
More results

Descripción similar - L9015LT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com