Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMUN2213LT1G Datasheet(PDF) 1 Page - Leshan Radio Company

No. de pieza LMUN2213LT1G
Descripción Electrónicos  BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN2213LT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMUN2213LT1G Datasheet HTML 1Page - Leshan Radio Company LMUN2213LT1G Datasheet HTML 2Page - Leshan Radio Company LMUN2213LT1G Datasheet HTML 3Page - Leshan Radio Company LMUN2213LT1G Datasheet HTML 4Page - Leshan Radio Company LMUN2213LT1G Datasheet HTML 5Page - Leshan Radio Company LMUN2213LT1G Datasheet HTML 6Page - Leshan Radio Company LMUN2213LT1G Datasheet HTML 7Page - Leshan Radio Company LMUN2213LT1G Datasheet HTML 8Page - Leshan Radio Company LMUN2213LT1G Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LESHAN RADIO COMPANY, LTD.
UN2211LT1 Series
PIN 1
BASE
(INPUT)
PIN 3
COLLECTOR
(OUTPUT)
PIN 2
EMITTER
(GROUND)
R
1
R
2
1
3
2
SOT–23 (TO–236AB)
LMUN2211LT1
SERIES
Bias Resistor Transistor
NPN Silicon Surface Mount Transistor
with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single
device and its external resistor bias network. The BRT (Bias Resistor
Transistor) contains a single transistor with a monolithic bias network
consisting of two resistors; a series base resistor and a base-emitter
resistor. The BRT eliminates these individual components by
integrating them into a single device. The use of a BRT can reduce
both system cost and board space. The device is housed in the SOT-23
package which is designed for low power surface mount applications.
Simplifies Circuit Design
Reduces Board Space and Component Count
The SOT-23 package can be soldered using wave or reflow. The
modified gull-winged leads absorb thermal stress during soldering
eliminating the possibility of damage to the die.
Available in 8 mm embossed tape and reel. Use the Device
Number to order the 7 inch/3000 unit reel. Replace “T1” with
“T3” in the Device Number to order the13 inch/10,000 unit reel.
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
Total Power Dissipation @ TA = 25°C
(Note 1.) Derate above 25
°C
PD
*246
1.5
mW
°C/W
DEVICE MARKING AND RESISTOR VALUES
Device
Marking
R1(K)
R2(K)
LMUN2211LT1
A8A
10
10
LMUN2212LT1
A8B
22
22
LMUN2213LT1
A8C
47
47
LMUN2214LT1
A8D
10
47
LMUN2215LT1
A8E
10
LMUN2216LT1
A8F
4.7
LMUN2230LT1
A8G
1.0
1.0
LMUN2231LT1
A8H
2.2
2.2
LMUN2232LT1
A8J
4.7
4.7
LMUN2233LT1
A8K
4.7
47
LMUN2234LT1
A8L
22
47
LMUN2235LT1
A8M
2.2
47
LMUN2238LT1
A8R
2.2
LMUN2241LT1
A8U
100
1. Device mounted on a FR-4 glass epoxy printed circuit board using the
minimum recommended footprint.
Device
Package
Shipping
ORDERING INFORMATION
LMUN2211LT1G
SOT–23
3000/Tape & Reel
LMUN2212LT1G
SOT–23
3000/Tape & Reel
LMUN2213LT1G
SOT–23
3000/Tape & Reel
LMUN2214LT1G
SOT–23
3000/Tape & Reel
LMUN2215LT1G
SOT–23
3000/Tape & Reel
LMUN2216LT1G
SOT–23
3000/Tape & Reel
LMUN2230LT1G
SOT–23
3000/Tape & Reel
LMUN2231LT1G
SOT–23
3000/Tape & Reel
LMUN2232LT1G
SOT–23
3000/Tape & Reel
LMUN2233LT1G
SOT–23
3000/Tape & Reel
LMUN2234LT1G
SOT–23
3000/Tape & Reel
LMUN2235LT1G
SOT–23
3000/Tape & Reel
LMUN2238LT1G
SOT–23
3000/Tape & Reel
LMUN2241LT1G
SOT–23
3000/Tape & Reel
LMUN2211S-1/11
Pb−Free Package May be Available.
The G−Suffix Denotes a Pb−Free
Lead Finish


Número de pieza similar - LMUN2213LT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LMUN2213LT1G LRC-LMUN2213LT1G Datasheet
189Kb / 16P
   Bias Resistor Transistor
logo
Shanghai Leiditech Elec...
LMUN2213LT1G LEIDITECH-LMUN2213LT1G Datasheet
1Mb / 16P
   NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2213LT1G LRC-LMUN2213LT1G_15 Datasheet
186Kb / 16P
   Bias Resistor Transistors
More results

Descripción similar - LMUN2213LT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LMUN5211T1 LRC-LMUN5211T1 Datasheet
133Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTC144TT1 ONSEMI-DTC144TT1_05 Datasheet
51Kb / 4P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
October, 2005 ??Rev. 2
DTC114EET1 ONSEMI-DTC114EET1_06 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
logo
AiT Semiconductor Inc.
MUN2211 AITSEMI-MUN2211 Datasheet
1Mb / 20P
   BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
logo
First Silicon Co., Ltd
S-LMUN2213LT1G FS-S-LMUN2213LT1G Datasheet
423Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
2017. 05. 10 Revision No : 0
logo
Shanghai Leiditech Elec...
LMUN5232T1G LEIDITECH-LMUN5232T1G Datasheet
925Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LDTD123YLT1G LEIDITECH-LDTD123YLT1G Datasheet
586Kb / 3P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
SDTC114EET1 ONSEMI-SDTC114EET1 Datasheet
145Kb / 13P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
May, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com