Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMUN2234LT1G Datasheet(PDF) 8 Page - Leshan Radio Company

No. de pieza LMUN2234LT1G
Descripción Electrónicos  BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN2234LT1G Datasheet(HTML) 8 Page - Leshan Radio Company

Back Button LMUN2234LT1G Datasheet HTML 3Page - Leshan Radio Company LMUN2234LT1G Datasheet HTML 4Page - Leshan Radio Company LMUN2234LT1G Datasheet HTML 5Page - Leshan Radio Company LMUN2234LT1G Datasheet HTML 6Page - Leshan Radio Company LMUN2234LT1G Datasheet HTML 7Page - Leshan Radio Company LMUN2234LT1G Datasheet HTML 8Page - Leshan Radio Company LMUN2234LT1G Datasheet HTML 9Page - Leshan Radio Company LMUN2234LT1G Datasheet HTML 10Page - Leshan Radio Company LMUN2234LT1G Datasheet HTML 11Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LESHAN RADIO COMPANY, LTD.
LMUN2211S–8/11
LMUN2211LT1 Series
TYPICAL ELECTRICAL CHARACTERISTICS
LMUN2232LT1
TA = 75°C
IC/IB =10
12
1
0.1
0.001
16
8
420
IC, COLLECTOR CURRENT (mA)
0.01
24
28
–25
°C
25
°C
Figure 22. VCE(sat) vs. IC
Figure 23. DC Current Gain
VCE = 10 V
0
1000
100
25
50
10
100
1
75
IC, COLLECTOR CURRENT (mA)
TA = 75°C
–25
°C
25
°C
125
Figure 24. Output Capacitance
Figure 25. Output Current vs. Input Voltage
f = 1 MHz
IE = 0 A
TA = 25°C
0
100
10
24
6
1
0.1
0.01
8
0
4
3
20
2
1
0
Vin, INPUT VOLTAGE (VOLTS)
VR, REVERSE BIAS VOLTAGE (VOLTS)
10
60
50
40
30
5
6
VO = 5 V
75
°C
TA = –25°C
25
°C
Figure 26. Output Voltage vs. Input Current
VO = 0.2 V
0
10
10
20
30
1
0.1
IC, COLLECTOR CURRENT (mA)
TA = –25°C
75
°C
25
°C


Número de pieza similar - LMUN2234LT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LMUN2234LT1G LRC-LMUN2234LT1G Datasheet
189Kb / 16P
   Bias Resistor Transistor
logo
Shanghai Leiditech Elec...
LMUN2234LT1G LEIDITECH-LMUN2234LT1G Datasheet
1Mb / 16P
   NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2234LT1G LRC-LMUN2234LT1G_15 Datasheet
186Kb / 16P
   Bias Resistor Transistors
More results

Descripción similar - LMUN2234LT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LMUN5211T1 LRC-LMUN5211T1 Datasheet
133Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTC144TT1 ONSEMI-DTC144TT1_05 Datasheet
51Kb / 4P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
October, 2005 ??Rev. 2
DTC114EET1 ONSEMI-DTC114EET1_06 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
logo
AiT Semiconductor Inc.
MUN2211 AITSEMI-MUN2211 Datasheet
1Mb / 20P
   BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
logo
First Silicon Co., Ltd
S-LMUN2213LT1G FS-S-LMUN2213LT1G Datasheet
423Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
2017. 05. 10 Revision No : 0
logo
Shanghai Leiditech Elec...
LMUN5232T1G LEIDITECH-LMUN5232T1G Datasheet
925Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LDTD123YLT1G LEIDITECH-LDTD123YLT1G Datasheet
586Kb / 3P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
SDTC114EET1 ONSEMI-SDTC114EET1 Datasheet
145Kb / 13P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
May, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com