Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FIN3383MTD Datasheet(PDF) 9 Page - Fairchild Semiconductor

No. de pieza FIN3383MTD
Descripción Electrónicos  Low Voltage 28-Bit Flat Panel Display Link Serializers/Deserializers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN3383MTD Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FIN3383MTD Datasheet HTML 5Page - Fairchild Semiconductor FIN3383MTD Datasheet HTML 6Page - Fairchild Semiconductor FIN3383MTD Datasheet HTML 7Page - Fairchild Semiconductor FIN3383MTD Datasheet HTML 8Page - Fairchild Semiconductor FIN3383MTD Datasheet HTML 9Page - Fairchild Semiconductor FIN3383MTD Datasheet HTML 10Page - Fairchild Semiconductor FIN3383MTD Datasheet HTML 11Page - Fairchild Semiconductor FIN3383MTD Datasheet HTML 12Page - Fairchild Semiconductor FIN3383MTD Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
www.fairchildsemi.com
Receiver AC Electrical Characteristics (66MHz)
Note 20: For the receiver with falling-edge strobe, the definition of setup/hold time will be slightly different from the one with rising-edge strobe. The clock ref-
erence point is the time when the clock falling edge passes through 2V. For hold time tRHRC, the clock reference point is the time when falling edge passes
through
0.8V.
Note 21: Total channel latency from Sewrializer to deserializer is (T
 tTCCD)  (2*T  tRCCD). There is the clock period.
Note 22: Receiver skew margin is defined as the valid sampling window after considering potential setup/hold time and minimum/maximum bit position.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
tRCOP
Receiver Clock Output (RxCLKOut) Period
See Figure 8
15.0
T
50.0
ns
tRCOL
RxCLKOut LOW Time
10.0
11.0
ns
tRCOH
RxCLKOut HIGH Time
See Figure 8
10.0
12.2
ns
tRSRC
RxOut Valid Prior to RxCLKOut
(Rising Edge Strobe)
6.5
11.6
ns
tRHRC
RxOut Valid After RxCLKOut
(f
40 MHz)
6.0
11.6
ns
tRCOL
RxCLKOut LOW Time
5.0
6.3
9.0
ns
tRCOH
RxCLKOut HIGH Time
See Figure 8, (Note 20)
5.0
7.6
9.0
ns
tRSRC
RxOut Valid Prior to RxCLKOut
(Rising Edge Strobe)
4.5
7.3
ns
tRHRC
RxOut Valid After RxCLKOut
(f
66 MHz)
4.0
6.3
ns
tROLH
Output Rise Time (20% to 80%)
CL 8 pF, (Note 20)
2.0
5.0
ns
tROHL
Output Fall Time (80% to 20%)
See Figure 8
1.8
5.0
ns
tRCCD
Receiver Clock Input to Clock Output Delay
See Figure 10, (Note 21)
3.5
5.0
7.5
ns
TA 25qC and VCC 3.3V
tRPDD
Receiver Power-Down Delay
See Figure 13
1.0
Ps
tRSPB0
Receiver Input Strobe Position of Bit 0
1.0
1.4
2.15
ns
tRSPB1
Receiver Input Strobe Position of Bit 1
4.5
5.0
5.8
ns
tRSPB2
Receiver Input Strobe Position of Bit 2
See Figure 17
8.1
8.5
9.15
ns
tRSPB3
Receiver Input Strobe Position of Bit 3
(f
40 MHz)
11.6
11.9
12.6
ns
tRSPB4
Receiver Input Strobe Position of Bit 4
15.1
15.6
16.3
ns
tRSPB5
Receiver Input Strobe Position of Bit 5
18.8
19.2
19.9
ns
tRSPB6
Receiver Input Strobe Position of Bit 6
22.5
22.9
23.6
ns
tRSPB0
Receiver Input Strobe Position of Bit 0
0.7
1.1
1.4
ns
tRSPB1
Receiver Input Strobe Position of Bit 1
2.9
3.3
3.6
ns
tRSPB2
Receiver Input Strobe Position of Bit2
See Figure 17
5.1
5.5
5.8
ns
tRSPB3
Receiver Input Strobe Position of Bit 3
(f
65 MHz)
7.3
7.7
8.0
ns
tRSPB4
Receiver Input Strobe Position of Bit 4
9.5
9.9
10.2
ns
tRSPB5
Receiver Input Strobe Position of Bit 5
11.7
12.1
12.4
ns
tRSPB6
Receiver Input Strobe Position of Bit 6
13.9
14.3
14.6
ns
tRSKM
RxIn Skew Margin
f
40 MHz
490
ps
See Figure 17, (Note 22)
f
66 MHz
400
tRPLLS
Receiver Phase Lock Loop Set Time
See Figure 11
10.0
ms


Número de pieza similar - FIN3383MTD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FIN3383MTD FAIRCHILD-FIN3383MTD Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
More results

Descripción similar - FIN3383MTD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FIN3385MTD FAIRCHILD-FIN3385MTD Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
FIN3385 FAIRCHILD-FIN3385_12 Datasheet
590Kb / 21P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
logo
ON Semiconductor
FIN3385 ONSEMI-FIN3385 Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
logo
Texas Instruments
DS90CR561 TI1-DS90CR561_13 Datasheet
455Kb / 14P
[Old version datasheet]   18-Bit Color Flat Panel Display (FPD) Link
SN65LVDS93B TI1-SN65LVDS93B Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
SN65LVDS93B TI1-SN65LVDS93B_18 Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
logo
National Semiconductor ...
DS90CF582 NSC-DS90CF582 Datasheet
223Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link
DS90CF561 NSC-DS90CF561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CR561 NSC-DS90CR561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
logo
Texas Instruments
SN65LVDS93B-Q1 TI1-SN65LVDS93B-Q1_18 Datasheet
1Mb / 34P
[Old version datasheet]   10 MHz - 85 MHz Automotive 28-bit Flat Panel Display Link LVDS SerDes Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com