Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KSH44H11I Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza KSH44H11I
Descripción Electrónicos  General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSH44H11I Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSH44H11I Datasheet HTML 1Page - Fairchild Semiconductor KSH44H11I Datasheet HTML 2Page - Fairchild Semiconductor KSH44H11I Datasheet HTML 3Page - Fairchild Semiconductor KSH44H11I Datasheet HTML 4Page - Fairchild Semiconductor KSH44H11I Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A3, October 2002
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Safe Operating Area
Figure 3. Power Derating
0.01
0.1
1
10
1
10
100
1000
V
CE = 1V
I
C[A], COLLECTOR CURRENT
1
10
100
1000
0.01
0.1
1
10
100
5m
s
100
µs
500
µs
1m
s
DC
I
CP(max)
I
C
(max)
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
5
10
15
20
25
T
C[
o
C], CASE TEMPERATURE


Número de pieza similar - KSH44H11I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KSH44H11I FAIRCHILD-KSH44H11I Datasheet
168Kb / 6P
   NPN Epitaxial Silicon Transistor
logo
Inchange Semiconductor ...
KSH44H11I ISC-KSH44H11I Datasheet
494Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
Fairchild Semiconductor
KSH44H11ITU FAIRCHILD-KSH44H11ITU Datasheet
168Kb / 6P
   NPN Epitaxial Silicon Transistor
More results

Descripción similar - KSH44H11I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
MJD44H11 FAIRCHILD-MJD44H11 Datasheet
36Kb / 4P
   General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
KSH45H11 FAIRCHILD-KSH45H11 Datasheet
42Kb / 5P
   General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
MJD45H11 FAIRCHILD-MJD45H11 Datasheet
42Kb / 5P
   General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
KSH3055 FAIRCHILD-KSH3055 Datasheet
50Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
KSH41C FAIRCHILD-KSH41C Datasheet
53Kb / 6P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
MJD3055 FAIRCHILD-MJD3055 Datasheet
44Kb / 4P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
MJD32 FAIRCHILD-MJD32 Datasheet
49Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
MJD41C FAIRCHILD-MJD41C Datasheet
47Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
KSH32 FAIRCHILD-KSH32 Datasheet
55Kb / 6P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
MJD2955 FAIRCHILD-MJD2955 Datasheet
43Kb / 4P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com