Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN6520B Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza FAN6520B
Descripción Electrónicos  Single Synchronous Buck PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6520B Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN6520B Datasheet HTML 4Page - Fairchild Semiconductor FAN6520B Datasheet HTML 5Page - Fairchild Semiconductor FAN6520B Datasheet HTML 6Page - Fairchild Semiconductor FAN6520B Datasheet HTML 7Page - Fairchild Semiconductor FAN6520B Datasheet HTML 8Page - Fairchild Semiconductor FAN6520B Datasheet HTML 9Page - Fairchild Semiconductor FAN6520B Datasheet HTML 10Page - Fairchild Semiconductor FAN6520B Datasheet HTML 11Page - Fairchild Semiconductor FAN6520B Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
www.fairchildsemi.com
FAN6520B Rev. 1.0.3
Use the following steps to locate the poles and zeros of
the compensation network:
2.
Pick gain (R2/R1) for the desired converter band-
width.
3.
Place 1st zero below the filter’s double pole (~75%
FLC).
4.
Place 2nd zero at filter’s double pole.
5.
Place 1st pole at the ESR zero.
6.
Place 2nd pole at half the switching frequency.
7.
Check gain against the error amplifier’s open-loop
gain.
8.
Estimate phase margin. Repeat if necessary.
Figure 7 shows an asymptotic plot of the DC-DC con-
verter’s gain vs. frequency. The actual Modulator Gain
has a high gain peak due to the high Q factor of the out-
put filter and is not shown in Figure 7. Using the above
guidelines should give a Compensation Gain similar to
the curve plotted. The open loop error amplifier gain
bounds the compensation gain. Check the compensation
gain at FP2 with the capabilities of the error amplifier.
The Closed Loop Gain is constructed on the graph of
Figure 7 by adding the Modulator Gain (in dB) to the
Compensation Gain (in dB). This is equivalent to multi-
plying the modulator transfer function by the compensa-
tion transfer function and plotting the gain.
The compensation gain uses external impedance net-
works ZFB and ZIN to provide a stable, high bandwidth
(BW) overall loop. A stable control loop has a gain cross-
ing with a –20dB/decade slope and a phase margin
greater than 45°. Include worst case component varia-
tions when determining phase margin.
Figure 7. Asymptotic Bode Plot of Converter Gain
An output capacitor is required to filter the output and
supply the load transient current. The filtering require-
ments are a function of the switching frequency and the
ripple current. The load transient requirements are a
function of the slew rate (di/dt) and the magnitude of the
transient load current. These requirements are generally
met with a mix of capacitors and careful layout.
Component Selection
Output Capacitors (COUT)
Modern components and loads are capable of producing
transient load rates above 1A/ns. High frequency capaci-
tors initially supply the transient and slow the current
load rate seen by the bulk capacitors. Effective Series
Resistance (ESR) and voltage rating are typically the
prime considerations for the bulk filter capacitors, rather
than actual capacitance requirements. High-frequency
decoupling capacitors should be placed as close to the
power pins of the load as physically possible. Be careful
not to add inductance in the circuit board wiring that
could cancel the performance of these low inductance
components. Consult with the load manufacturer on spe-
cific decoupling requirements. Use only specialized low-
ESR capacitors intended for switching-regulator applica-
tions for the bulk capacitors. The bulk capacitor’s ESR
will determine the output ripple voltage and the initial
voltage drop after a high slew-rate transient. An alumi-
num electrolytic capacitor’s ESR value is related to the
case size with lower ESR available in larger case sizes.
However, the Equivalent Series Inductance (ESL) of
these capacitors increases with case size and can
reduce the usefulness of the capacitor to high slew-rate
transient loading. Unfortunately, ESL is not a specified
parameter. Work with your capacitor supplier and mea-
sure the capacitor’s impedance with frequency to select
a suitable component. In most cases, multiple electrolytic
capacitors of small case size perform better than a single
large case capacitor.
Output Inductor (LOUT)
The output inductor is selected to meet the output volt-
age ripple requirements and minimize the converter’s
response time to the load transient. The inductor value
determines the converter’s ripple current and the ripple
voltage is a function of the ripple current. The ripple volt-
age (
∆V) and current (∆I) are approximated by the follow-
ing equations:
Increasing the inductance value reduces the ripple cur-
rent and voltage. However, a large inductance value
reduces the converter’s ability to quickly respond to a
load transient. One of the parameters limiting the con-
verter’s response to a load transient is the time required
to change the inductor current. Given a sufficiently fast
control loop design, the FAN6520B will provide either 0%
or 100% duty cycle in response to a load transient. The
response time is the time required to slew the inductor
current from an initial current value to the transient cur-
rent level. During this interval the difference between the
inductor current and the transient current level must be
supplied by the output capacitor. Minimizing the response
time can minimize the output capacitance required.
100
80
60
40
20
0
-20
-40
-60
10
100
1K
10K
100K
FREQUENCY (Hz)
OPEN LOOP
ERROR AMP GAIN
COMPENSATION
GAIN
CLOSED LOOP
GAIN
MODULATOR
GAIN
20LOG
(VIN/DVOSC)
20LOG
(R2/R1)
FZ1 FZ2
FP1
FLC
FESR
FP2
1M
10M
∆I
V
IN
V
OUT
F
SW
L
×
------------------------------
=
∆V
ESR × ∆I
(1)


Número de pieza similar - FAN6520B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520A FAIRCHILD-FAN6520A Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AIM FAIRCHILD-FAN6520AIM Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AIM FAIRCHILD-FAN6520AIM Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AIMX FAIRCHILD-FAN6520AIMX Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
More results

Descripción similar - FAN6520B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
   Single Synchronous Buck PWM Controller
October 2021
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com