Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDC658AP Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FDC658AP
Descripción Electrónicos  Single P-Channel Logic Level PowerTrench짰 MOSFET -30V, -4A, 50mOhm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC658AP Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDC658AP Datasheet HTML 1Page - Fairchild Semiconductor FDC658AP Datasheet HTML 2Page - Fairchild Semiconductor FDC658AP Datasheet HTML 3Page - Fairchild Semiconductor FDC658AP Datasheet HTML 4Page - Fairchild Semiconductor FDC658AP Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDC658AP Rev. B (W)
www.fairchildsemi.com
4
Figure 7.
0
2
4
6
8
10
02468
10
Qg, GATE CHARGE (nC)
ID = -4A
VDS = -5V
-10V
-15V
Gate Charge Characteristics
Figure 8.
0
150
300
450
600
0
6
12
18
24
30
-VDS, DRAIN TO SOURCE VOLTAGE (V)
Ciss
Coss
Crss
f = 1 MHz
VGS = 0 V
Capacitance vs Drain to Source Voltage
Figure 9.
0.01
0.1
1
10
100
0.1
1
10
100
-VDS, DRAIN TO SOURCE VOLTAGE (V)
DC
1s
100ms
100us
rDS(on) LIMIT
VGS = -10V
SINGLE PULSE
RθJA = 156
oC/W
TA = 25
oC
10ms
1ms
Forward Bias Safe Operating Area
Figure 10.
0
2
4
6
8
10
0.01
0.1
1
10
100
t, PULSE WIDTH (s)
SINGLE PULSE
RθJA = 156°C/W
TA = 25°C
Single Pulse Maximum Power
Dissipation
Figure 11.
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
t, RECTANGULAR PULSE DURATION
RθJA(t) = r(t) + RθJA
RθJA = 156
oC/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1/ t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Transient Thermal Response Curve
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.
Typical Characteristics


Número de pieza similar - FDC658AP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
FDC658AP KEXIN-FDC658AP Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
FDC658AP VBSEMI-FDC658AP Datasheet
1,005Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Descripción similar - FDC658AP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDM6296 FAIRCHILD-FDM6296_07 Datasheet
231Kb / 6P
   Single N-Channel Logic-Level PowerTrench짰 MOSFET 30V,11.5A, 10.5m廓
FDC855N FAIRCHILD-FDC855N Datasheet
278Kb / 6P
   Single N-Channel, Logic Level, PowerTrench짰 MOSFET 30V, 6.1A, 27m廓
FDS6680A FAIRCHILD-FDS6680A_12 Datasheet
202Kb / 5P
   Single N-Channel, Logic Level, PowerTrench짰 MOSFET
FDB8860 FAIRCHILD-FDB8860_10 Datasheet
158Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.6m
FDC5661N FAIRCHILD-FDC5661N Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 4A, 60m廓
FDB8878 FAIRCHILD-FDB8878 Datasheet
272Kb / 6P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 48A, 14mOhm
FDB8860 FAIRCHILD-FDB8860 Datasheet
260Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.6mOhm
FDB8832 FAIRCHILD-FDB8832_10 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.1m廓
logo
ON Semiconductor
FDMS9408L-F085 ONSEMI-FDMS9408L-F085 Datasheet
566Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDB8860 FAIRCHILD-FDB8860_08 Datasheet
343Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com