Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDD8796 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FDD8796
Descripción Electrónicos  N-Channel PowerTrench짰 MOSFET 25V, 35A, 5.7mOhm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8796 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDD8796 Datasheet HTML 1Page - Fairchild Semiconductor FDD8796 Datasheet HTML 2Page - Fairchild Semiconductor FDD8796 Datasheet HTML 3Page - Fairchild Semiconductor FDD8796 Datasheet HTML 4Page - Fairchild Semiconductor FDD8796 Datasheet HTML 5Page - Fairchild Semiconductor FDD8796 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDD8796/FDU8796 Rev. B
2
www.fairchildsemi.com
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
25
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250µA, referenced to
25°C
7
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 20V
VGS = 0V
TJ = 150°C
1
µA
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
±100
nA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA
1.2
1.8
2.5
V
∆VGS(th)
∆TJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250µA, referenced to
25°C
-6.7
mV/°C
rDS(on)
Drain to Source On Resistance
VGS = 10V, ID = 35A
4.5
5.7
m
VGS = 4.5V, ID = 35A
6.0
8.0
VDS = 10V, ID = 35A
TJ = 175°C
6.9
9.5
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 13V, VGS = 0V,
f = 1MHz
1960
2610
pF
Coss
Output Capacitance
455
605
pF
Crss
Reverse Transfer Capacitance
315
475
pF
RG
Gate Resistance
f = 1MHz
1.1
Switching Characteristics
td(on)
Turn-On Delay Time
VDD =13V, ID = 35A
VGS = 10V, RGS = 20Ω
10
20
ns
tr
Rise Time
24
39
ns
td(off)
Turn-Off Delay Time
99
158
ns
tf
Fall Time
57
91
ns
Qg
Total Gate Charge
VGS = 0 to10V
VDD =13V,
ID = 35A,
Ig = 1.0mA
37
52
nC
Qg
Total Gate Charge
VGS = 0 to 5V
19
27
nC
Qgs
Gate to Source Gate Charge
6
nC
Qgd
Gate to Drain Charge
6
nC
Drain-Source Diode Characteristics
VSD
Source to Drain Diode Voltage
VGS = 0V, IS = 35A
0.9
1.25
V
VGS = 0V, IS = 15A
0.8
1.0
V
trr
Reverse Recovery Time
IF = 35A, di/dt = 100A/µs
30
45
ns
Qrr
Reverse Recovery Charge
IF = 35A, di/dt = 100A/µs
23
35
nC
Notes:
1: Pulse time < 300
µs, Duty cycle = 2%.
2: Starting TJ = 25°C, L = 0.3mH, IAS = 24.7A, VDD = 23V, VGS = 10V.


Número de pieza similar - FDD8796

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
FDD8796 ISC-FDD8796 Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
FDD8796 UMW-FDD8796 Datasheet
638Kb / 6P
   25V N -Channel MOSFET
More results

Descripción similar - FDD8796

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDU8796 FAIRCHILD-FDU8796 Datasheet
312Kb / 6P
   N-Channel PowerTrench MOSFET 25V, 35A, 5.7mOhm
FDD8780 FAIRCHILD-FDD8780 Datasheet
318Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25V, 35A, 8.5mOhm
FDD8770 FAIRCHILD-FDD8770 Datasheet
314Kb / 6P
   N-Channel PowerTrench MOSFET 25V, 35A, 4.0mOHM
FDD8778 FAIRCHILD-FDD8778 Datasheet
357Kb / 6P
   N-Channel PowerTrench MOSFET 25V, 35A, 14mohm
logo
Hi-Sincerity Mocroelect...
H35N03J HSMC-H35N03J Datasheet
88Kb / 5P
   N-Channel Enhancement-Mode MOSFET (25V, 35A)
logo
Fairchild Semiconductor
FDD5810 FAIRCHILD-FDD5810 Datasheet
266Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60V, 35A, 27mOhm
FDMS3620S FAIRCHILD-FDMS3620S Datasheet
374Kb / 12P
   PowerTrench짰 PowerStage 25V Asymmetric Dual N-Channel MOSFET
FDMS8680 FAIRCHILD-FDMS8680 Datasheet
215Kb / 6P
   N-Channel PowerTrench짰 MOSFET 30V, 35A, 7.0m廓
FDMS3622S FAIRCHILD-FDMS3622S Datasheet
403Kb / 12P
   PowerTrench짰 Power Stage 25V Asymmetric Dual N-Channel MOSFET
FDMS3624S FAIRCHILD-FDMS3624S Datasheet
395Kb / 12P
   PowerTrench짰 Power Stage 25V Asymmetric Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com