Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LCX240 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza 74LCX240
Descripción Electrónicos  Low-Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LCX240 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74LCX240 Datasheet HTML 1Page - National Semiconductor (TI) 74LCX240 Datasheet HTML 2Page - National Semiconductor (TI) 74LCX240 Datasheet HTML 3Page - National Semiconductor (TI) 74LCX240 Datasheet HTML 4Page - National Semiconductor (TI) 74LCX240 Datasheet HTML 5Page - National Semiconductor (TI) 74LCX240 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales Office
Distributors for availability and specifications
Symbol
Parameter
Value
Conditions
Units
VCC
Supply Voltage
b
05 to a70
V
VI
DC Input Voltage
b
05 to a70
V
VO
DC Output Voltage
b
05 to a70
Output in TRI-STATE
V
b
05 to VCC a 05
Output in High or Low State (Note 2)
V
IIK
DC Input Diode Current
b
50
VI k GND
mA
IOK
DC Output Diode Current
b
50
VO k GND
mA
a
50
VO l VCC
IO
DC Output SourceSink Current
g
50
mA
ICC
DC Supply Current per Supply Pin
g
100
mA
IGND
DC Ground Current per Ground Pin
g
100
mA
TSTG
Storage Temperature
b
65 to a150
C
Note 1
The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed The device should not be operated at these
limits The parametric values defined in the ‘‘Electrical Characteristics’’ table are not guaranteed at the Absolute Maximum Ratings The ‘‘Recommended Operating
Conditions’’ table will define the conditions for actual device operation
Note 2
IO Absolute Maximum Rating must be observed
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
Operating
20
36
V
Data Retention
15
36
VI
Input Voltage
0
55
V
VO
Output Voltage
HIGH or LOW State
0
VCC
V
TRI-STATE
0
55
IOH IOL
Output Current
VCC e 30V–36V
g
24
mA
VCC e 27V
g
12
TA
Free-Air Operating Temperature
b
40
85
C
D
t DV
Input Edge Rate VIN e 08V–20V VCC e 30V
0
10
nsV
DC Electrical Characteristics
Symbol
Parameter
Conditions
VCC
TA eb40 Cto a85 C
Units
(V)
Min
Max
VIH
HIGH Level Input Voltage
27 – 36
20
V
VIL
LOW Level Input Voltage
27 – 36
08
V
VOH
HIGH Level Output Voltage
IOH eb100 mA
27 – 36
VCC b 02
V
IOH eb12 mA
27
22
V
IOH eb18 mA
30
24
V
IOH eb24 mA
30
22
V
VOL
LOW Level Output Voltage
IOL e 100 mA
27 – 36
02
V
IOL e 12 mA
27
04
V
IOL e 16 mA
30
04
V
IOL e 24 mA
30
055
V
II
Input Leakage Current
0 s VI s 55V
27 – 36
g
50
m
A
IOZ
TRI-STATE Output Leakage
0 s VO s 55V
27 – 36
g
50
m
A
VI e VIH or VIL
IOFF
Power-Off Leakage Current
VI or VO e 55V
0
10
m
A
ICC
Quiescent Supply Current
VI e VCC or GND
27 – 36
10
m
A
36V s VI VO s 55V
27 – 36
g
10
m
A
D
ICC
Increase in ICC per Input
VIH e VCC b 06V
27 – 36
500
m
A
http
www nationalcom
2


Número de pieza similar - 74LCX240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LCX240 FAIRCHILD-74LCX240 Datasheet
116Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX240 STMICROELECTRONICS-74LCX240 Datasheet
187Kb / 9P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX240 STMICROELECTRONICS-74LCX240 Datasheet
241Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74LCX240 ONSEMI-74LCX240 Datasheet
421Kb / 14P
   Low Voltage Octal Buffer/Line Driver 5V Tolerant Inputs and Outputs
January 2008 Rev. 1.6.0
logo
Toshiba Semiconductor
74LCX240FT TOSHIBA-74LCX240FT Datasheet
186Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2014-08-19 Rev.3.0
More results

Descripción similar - 74LCX240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LCX240 FAIRCHILD-74LCX240_08 Datasheet
442Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541MTCX FAIRCHILD-74LCX541MTCX Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX540 FAIRCHILD-74LCX540 Datasheet
548Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541 Datasheet
763Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541_08 Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX241 FAIRCHILD-74LCX241 Datasheet
115Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX540 FAIRCHILD-74LCX540_07 Datasheet
750Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX540 ONSEMI-74LCX540 Datasheet
662Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.7.1
74LCX541 ONSEMI-74LCX541 Datasheet
693Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX540 FAIRCHILD-74LCX540_06 Datasheet
770Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com