Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMS2916SIB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza SMS2916SIB
Descripción Electrónicos  Precision Voltage Supervisory Circuit With Watchdog Timer and 16K I2C Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

SMS2916SIB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMS2916SIB Datasheet HTML 1Page - List of Unclassifed Manufacturers SMS2916SIB Datasheet HTML 2Page - List of Unclassifed Manufacturers SMS2916SIB Datasheet HTML 3Page - List of Unclassifed Manufacturers SMS2916SIB Datasheet HTML 4Page - List of Unclassifed Manufacturers SMS2916SIB Datasheet HTML 5Page - List of Unclassifed Manufacturers SMS2916SIB Datasheet HTML 6Page - List of Unclassifed Manufacturers SMS2916SIB Datasheet HTML 7Page - List of Unclassifed Manufacturers SMS2916SIB Datasheet HTML 8Page - List of Unclassifed Manufacturers SMS2916SIB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SUMMIT MICROELECTRONICS, Inc.
300 Orchard City Drive, Suite 131
Campbell, CA 95008
Telephone 408-378-6461
Fax 408-378-6586
www.summitmicro.com
1
© SUMMIT MICROELECTRONICS, Inc. 1998
2028-02 4/24/98
Characteristics subject to change without notice
SUMMIT
MICROELECTRONICS, Inc.
FEATURES
Precision Voltage Monitor
– Automatic VCC Supply Monitor
- Complementary reset outputs for complex
microcontroller systems
- Integrated memory write lockout function
- No external components required
Watchdog Timer
– Nominal 1.6 second Timeout
Memory Internally Organized 2K X 8
– Two Wire Serial Interface (I2C™)
High Reliability
– Endurance: 1,000,000 erase/write cycles
– Data retention: 100 years
8-Pin PDIP or SOIC Packages
Precision Voltage Supervisory Circuit
With Watchdog Timer and 16K I2C Memory
SMS2916
OVERVIEW
The SMS2916 is a power supervisory circuit that monitors
VCC (either in a 5V system or 3V system) and will generate
complementary reset outputs. The reset pins also act as
I/Os and may be used for signal conditioning. The
SMS2916 also has an on-board watchdog timer that has
a nominal time out period of 1.6 seconds.
The SMS2916 integrates a 16K-bit nonvolatile serial
memory. It features the industry standard I2C serial
interface allowing quick implementation in an end-users’
system.
BLOCK DIAGRAM
3 and 5 Volt Systems
Preliminary
5KHz
Oscillator
RESET
PULSE
GENERATOR
RESET
CONTROL
1.26V
VCC
7
RESET
2
RESET
VCC
8
VTRIP
SDA
SCL
6
4
5
GND
MEMORY
ARRAY
EEPROM
+
-
WATCHDOG
TIMER
1
WDI
2028 ILL2.1


Número de pieza similar - SMS2916SIB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Summit Microelectronics...
SMS2916S SUMMIT-SMS2916S Datasheet
157Kb / 14P
   Voltage Supervisory Circuit With Watchdog Timer
SMS2916S2.7 SUMMIT-SMS2916S2.7 Datasheet
157Kb / 14P
   Voltage Supervisory Circuit With Watchdog Timer
SMS2916SA SUMMIT-SMS2916SA Datasheet
157Kb / 14P
   Voltage Supervisory Circuit With Watchdog Timer
SMS2916SB SUMMIT-SMS2916SB Datasheet
157Kb / 14P
   Voltage Supervisory Circuit With Watchdog Timer
More results

Descripción similar - SMS2916SIB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1161_0711 CATALYST-CAT1161_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Summit Microelectronics...
SMS2902 SUMMIT-SMS2902 Datasheet
157Kb / 14P
   Voltage Supervisory Circuit With Watchdog Timer
logo
Catalyst Semiconductor
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-28 ONSEMI-CAT1161JI-28 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)null
July, 2012 ??Rev. 12
logo
Summit Microelectronics...
S4242 SUMMIT-S4242 Datasheet
102Kb / 16P
   Dual Voltage Supervisory Circuit With Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com