Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4150 Datasheet(PDF) 1 Page - Microsemi Corporation

No. de pieza 1N4150
Descripción Electrónicos  Silicon Switching Diode DO-35 Glass Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4150 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N4150 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ma xim u m Ra ting s
Sym bo l
Va lu e
Unit
Peak Invers e Voltag e
PIV
75 (M in.)
Volts
Average Rectified Current
I
Avg
200
mAmps
Continuous Forward Current
I
Fdc
400
mAmps
Peak Surge Current (t
peak = 1 sec.)
I
peak
0.5
Amp
BKC Power Dissipation T
L=50
oC, L = 3/8" from body
P
tot
500
mWatts
Operating Temperature Range
T
Op
-65 to +200
o C
Storage Temperature Range
T
St
-65 to +200
o C
Electrica l Cha ra cteris tics @ 25 oC
Sym bol
M inim u m
Ma xim u m
Unit
Forw a rd Voltag e Drop @ I
F = 1.0
m A
V
F
0 .54
0 .62
Volts
Forwa rd Voltag e Drop @ I
F = 10
m A
V
F
0 .66
0 .74
Volts
Forwa rd Voltag e Drop @ I
F = 50
m A
V
F
0 .76
0 .86
Volts
Forwa rd Voltag e Drop @ I
F = 100
m
V
F
0 .80
0 .92
Volts
Forwa rd Voltag e Drop @ I
F = 200
m A
V
F
0 .87
1.0
Volts
Revers e Leakag e Cu rrent @ V
R = 50
V
I
r
0 .1 (100 @ 150 oC) µ A
Break dow n Voltag e @ Ir = 0 .1 m A
PIV
75
Volts
Ca pa cita nce @ V
R = 0
V,
f = 1m Hz
C
T
2.5
p F
Revers e Recovery tim e (note 1)
t
rr
4.0
nSecs
Revers e Recovery tim e (note 2,3)
t
rr
6.0
nSecs
Forw a rd Recovery tim e (note 4)
V
fr
10
nSecs
Note 1: Per Method 4031-A with I
F = IR = 10 to 200 mA, RL = 100 Ohms,recover to 0.1 If.
Note 2: Per Method 4031-A with I
F = IR = 200 to 400 mA, RL = 100 Ohms,recover to 0.1 If.
Note 3: Per Method 4031-A with I
F = 10 microA, Ir = 1.0 mA, recover to 0.1 mA.
Applications
Used in general purpose applications,where a controlled forward
characteristic and fast switching speed are important.
Features
Six sigma quality
Metallurgically bonded
BKC's Sigma Bond™ plating
for problem free solderability
LL-34/35 MELF SMD available
Full approval to Mil-S-19500/231
Available up to JANTXV-1 levels
"S" level screening available to Source Control Drawings
Silicon Switching Diode
DO-35 Glass Package
11NNor1
1N
1N4150
or
1N4150-1
Note 4: Per Method 4026 with I
F = 200 mA, Ir = 1.0 mA, recover to 0.1 mA.
6 Lake Street - Lawrence, MA 01841
Tel: 978-681-0392 - Fax: 978-681-9135
DO-35 Glass Package
Dia.
0.06-0.09"
1.0"
25.4 mm
(Min.)
Length
0.120-.200"
3.05-5.08-
m m
1.53-2.28m m
0 .0 18-0 .0 22"
0 .458-0 .558m m
L
ea dDi
a .


Número de pieza similar - 1N4150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHENZHEN YONGERJIA INDU...
1N4150 WINNERJOIN-1N4150 Datasheet
128Kb / 3P
   High-speed switching diode
logo
NXP Semiconductors
1N4150 PHILIPS-1N4150 Datasheet
53Kb / 8P
   High-speed diodes
1999 Jun 01
logo
GOOD-ARK Electronics
1N4150 GOOD-ARK-1N4150 Datasheet
23Kb / 1P
   SILICON EPITAXIAL PLANAR DIODES
logo
New Jersey Semi-Conduct...
1N4150 NJSEMI-1N4150 Datasheet
44Kb / 1P
   Small Signal Devices
logo
Galaxy Semi-Conductor H...
1N4150 BILIN-1N4150 Datasheet
173Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
More results

Descripción similar - 1N4150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N4607 MICROSEMI-1N4607 Datasheet
235Kb / 4P
   Silicon Switching Diode DO-35 Glass Package
1N4454 MICROSEMI-1N4454 Datasheet
386Kb / 2P
   Silicon Switching Diode DO-35 Glass Package
1N645 MICROSEMI-1N645 Datasheet
169Kb / 3P
   Silicon Switching Diode DO-35 Glass Package
1N914 MICROSEMI-1N914 Datasheet
63Kb / 1P
   Silicon Switching Diode DO-35 Glass Package
1N4150 MICROSEMI-1N4150 Datasheet
72Kb / 1P
   Silicon Switching Diode DO-35 Glass Package
1N41501N457A MICROSEMI-1N41501N457A Datasheet
71Kb / 1P
   Silicon Switching Diode DO-35 Glass Package
1N4153 MICROSEMI-1N4153 Datasheet
64Kb / 1P
   Silicon Switching Diode DO-35 Glass Package
logo
Vicor Corporation
02550 VICOR-02550 Datasheet
43Kb / 1P
   SWITCHING DIODE, DO-35
logo
Cystech Electonics Corp...
1N4148LC CYSTEKEC-1N4148LC Datasheet
158Kb / 4P
   500mW DO-35 Hermetically glass sealed switching diode
logo
Continental Device Indi...
DO-35 CDIL-DO-35 Datasheet
225Kb / 3P
   DO-35 Hermetically Sealed Glass Axial Package
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com