Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC908QY1A Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc |
|
MC908QY1A Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc |
88 / 200 page Keyboard Interrupt Module (KBI) MC68HC908QYA/QTA Family Data Sheet, Rev. 0 88 Freescale Semiconductor 9.8.2 Keyboard Interrupt Enable Register (KBIER) KBIER enables or disables each keyboard interrupt pin. KBIE5–KBIE0 — Keyboard Interrupt Enable Bits Each of these read/write bits enables the corresponding keyboard interrupt pin to latch KBI interrupt requests. 1 = KBIx pin enabled as keyboard interrupt pin 0 = KBIx pin not enabled as keyboard interrupt pin NOTE AWUIE bit is not used in conjunction with the keyboard interrupt feature. To see a description of this bit, see Chapter 4 Auto Wakeup Module (AWU) 9.8.3 Keyboard Interrupt Polarity Register (KBIPR) KBIPR determines the polarity of the enabled keyboard interrupt pin and enables the appropriate pullup or pulldown device. KBIP5–KBIP0 — Keyboard Interrupt Polarity Bits Each of these read/write bits enables the polarity of the keyboard interrupt detection. 1 = Keyboard polarity is high level and/or rising edge 0 = Keyboard polarity is low level and/or falling edge Bit 7 654321 Bit 0 Read: 0 AWUIE KBIE5 KBIE4 KBIE3 KBIE2 KBIE1 KBIE0 Write: Reset: 00000000 = Unimplemented Figure 9-4. Keyboard Interrupt Enable Register (KBIER) Bit 7 654321 Bit 0 Read: 0 0 KBIP5 KBIP4 KBIP3 KBIP2 KBIP1 KBIP0 Write: Reset: 00000000 = Unimplemented Figure 9-5. Keyboard Interrupt Polarity Register (KBIPR) |
Número de pieza similar - MC908QY1A |
|
Descripción similar - MC908QY1A |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |