Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AK6010A Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

No. de Pieza. AK6010A
Descripción  I2C bus 32K / 64Kbit Serial CMOS EEPROM
Descarga  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo 

AK6010A Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

 
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ASAHI KASEI
[AK6010A/12A]
DAI02E-03
2002/11
- 1 -
AK6010A / 12A
I2C bus 32K / 64Kbit Serial CMOS EEPROM
Features
ADVANCED CMOS EEPROM TECHNOLOGY
READ/WRITE NON-VOLATILE MEMORY
WIDE VCC OPERATION : VCC = 1.8V to 5.5V
AK6010A ・・32768 bits, 4096 x 8 organization
AK6012A ・・65536 bits, 8192 x 8 organization
I2CTM SERIAL INTERFACE
LOW POWER CONSUMPTION
- 0.8µA Max. Standby
HIGH RELIABILITY
- Endurance
: 100K cycles
- Data Retention : 10 years
32 byte Page Write Mode
Automatic write cycle time-out with auto-ERASE
IDEAL FOR LOW DENSITY DATA STORAGE
- Low cost, space saving, 8-pin package (SOP)
Block Diagram
I2CTM is a registered trademark of Philips Corporation.
SLAVE ADDRESS
REGISTER
+COMPARATOR
START
STOP
LOGIC
VCC
GND
WC
SDA
SCL
S2
S1
CONTROL
LOGIC
WORD
ADDRESS
COUNTER
XDEC
AK6010A = 32768bit
AK6012A = 65536bit
EEPROM
H.V.GENERATION
TIMING
& CONTROL
YDEC
DATA REGISTER
DOUT
ACK
S0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn