Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


AK6510C Datasheet(Hoja de datos) 3 Page - Asahi Kasei Microsystems

No. de Pieza. AK6510C
Descripción  SPI bus 32K/64Kbit Serial CMOS EEPROM
Descarga  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo 

 
 3 page
background image
ASAHI KASEI
[AK6510C/12C]
DAP02E-04
2005/03
- 3 -
Data Transfer
An IC that outputs the clock is called "MASTER", an IC that receives the clock is called "SLAVE".
The AK6510C/12C operates as a SLAVE.
Data is written to the SI pin and read from SO pin.
The
MSB is transmitted first.
After CS pin changes hi level to low level, AK6510C/12C receives the first data bit on the SI pin
synchronously with the rising edge of the input pulse of serial clock.
While CS pin is high level, the
data input to the SI pin is don’t care and SO pin indicates Hi-Z.
All the functions are organized 8 bits of op-code, address, and data.
If there is an invalid op-code,
the AK6510C/12C ignores the address and data information and SO pin indicates Hi-Z.
In order to
input new op-code, CS pin should be toggled.
Hold
AK6510C/12C has a HOLD pin that can hold the data transfer.
When HOLD changes high to low
while SCK is low, the data transfer stops.
After the HOLD pin changes low to High while SCK is
low, the data transfer starts again.
While the data transfer is paused, AK6510C/12C ignores the
clock on the SCK line.
Write Protect
AK6510C/12C has status registers.
When the WPEN bit in the status registers is "1", Write Protect
function is enabled.
When WPEN bit is "1" and WP pin is low level, the status register is protected
from write function.
When WP pin becomes low level while the WRITE to the status register
instruction is written, the AK6510C/12C doesn’t accept the instruction.
When the WP pin changes
low level while the internal programming, the programming function continues.
When the WPEN bit is "0", WP pin function is disabled.
Even if WP pin is fixed to low level, the
WRITE function to the status register can be done.
When the WP pin is high level, AK6510C/12C
can accept all of READ and WRITE functions.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NM25C0202K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C0404K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C16016K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C64064K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
AK6512CASPI bus 64Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
AK6514CSPI bus 64Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
AK6516CSPI bus 256Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
25LC0808K/16K 2.5V SPI O Bus Serial EEPROM 1 2 3 4 5 MoreMicrochip Technology
25LC160A16K SPI Bus Serial EEPROM 1 2 3 4 5 MoreMicrochip Technology
25LC32032K 2.5V SPI Bus Serial EEPROM 1 2 3 4 5 MoreMicrochip Technology

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl