Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


AK6510C Datasheet(Hoja de datos) 6 Page - Asahi Kasei Microsystems

No. de Pieza. AK6510C
Descripción  SPI bus 32K/64Kbit Serial CMOS EEPROM
Descarga  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo 

 6 page
background image
ASAHI KASEI
[AK6510C/12C]
DAP02E-04
2005/03
- 6 -
RDSR (READ STATUS REGISTER)
The RDSR function is used to read the data in the STATUS register.
The STATUS register has
RDY bit, WEN bit, BP0/BP1 bit and WPEN bit. RDSR function can be used to read READY/BUSY
status bit, WRITE ENABLE/DISABLE bit, and BLOCK PROTECT bit.
These bits can be set by WRSR function.
RDSR
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
WPEN
X
X
X
BP1
BP0
WEN
RDY
Register
Definition
WPEN
WP pin set bit (programmable)
See Table 3.
BP0 / BP1
Block Protect bit for EEPROM memory array (programmable)
See Table 4.
WEN
WRITE ENABLE / DISABLE bit (READ only)
This is set by WREN/WRDI function.
WEN=0 : WRITE DISABLE
WEN=1 : WRITE ENABLE
RDY
READY/BUSY status bit (READ only)
RDY=0 : READY
RDY=1 : BUSY
Table 2. Status Register Configuration
012
3456
789
10
11
12
13
14
1
X
0
0
0
00
1
Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
Bit7
Hi-Z
CS
SCK
SI
SO
X = don’t care




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NM25C0202K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C0404K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C16016K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C64064K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
AK6512CASPI bus 64Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
AK6514CSPI bus 64Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
AK6516CSPI bus 256Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
25LC0808K/16K 2.5V SPI O Bus Serial EEPROM 1 2 3 4 5 MoreMicrochip Technology
25LC160A16K SPI Bus Serial EEPROM 1 2 3 4 5 MoreMicrochip Technology
25LC32032K 2.5V SPI Bus Serial EEPROM 1 2 3 4 5 MoreMicrochip Technology

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl