Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AK6510C Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

No. de Pieza. AK6510C
Descripción  SPI bus 32K/64Kbit Serial CMOS EEPROM
Descarga  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo 

AK6510C Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

 
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ASAHI KASEI
[AK6510C/12C]
DAP02E-04
2005/03
- 1 -
AK6510C / 12C
SPI bus 32K/64Kbit Serial CMOS EEPROM
Features
Advanced CMOS EEPROM Technology
Single Voltage Supply: 1.8V to 5.5V
AK6510C: 32Kbits; 4096 x 8 organization
AK6512C: 64Kbits; 8192 x 8 organization
SPI Serial Interface Compatible
Low Power Consumption
0.8
µA Max. (Standby mode)
High Reliability
Endurance:
1000K E/W cycles / Address
Data Retention: 10 Years
Special Features
32 byte Page Write Mode
Block Write Protection (Protect 1/4,1/2 or Entire Array)
Automatic write cycle time-out with auto-ERASE
Software and Hardware controlled Write Protection
Self timed Programming Cycle: 5msec. Max.
Ideal for Low Density Data Storage
Low cost, space saving, 8-pin SSOP/SONW package
Block Diagram
DATA
REGISTER
INSTRUCTION
DECODE,
CONTROL
AND
CLOCK
GENERATION
INSTRUCTION
REGISTER
EEPROM
AK6510C=32Kbit
SI
CS
SCK
HOLD
ADD.
BUFFERS
VREF
VPP
GENERATOR
VPP SW
DECODER
R/W AMPS
AND
AUTO ERASE
SO
STATUS REGISTER
WP
AK6512C=64Kbit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn