Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AK6510C Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

No. de Pieza. AK6510C
Descripción  SPI bus 32K/64Kbit Serial CMOS EEPROM
Descarga  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo 

AK6510C Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ASAHI KASEI
[AK6510C/12C]
DAP02E-04
2005/03
- 10 -
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Power Supply
VCC
-0.6
+6.5
V
All Input Voltages
with Respect to Ground
VIO
-0.6
VCC+0.6
V
Ambient Storage Temperature
Tst
-65
+150
°C
Stress above those listed under "Absolute Maximum Ratings" may cause
permanent damage to the device.
This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of the specification is not implied.
Exposure to absolute
maximum conditions for extended periods may affect device reliability.
Recommended Operating Condition
Parameter
Symbol
Min
Max
Unit
Power Supply
VCC
1.8
5.5
V
Ambient Operating Temperature
Ta
-40
+85
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn