Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AK6512CA Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

No. de Pieza. AK6512CA
Descripción  SPI bus 64Kbit Serial CMOS EEPROM
Descarga  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo 

AK6512CA Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

 
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ASAHI KASEI
[AK6512CA]
DAP03E-00
2005/03
- 2 -
General Description
The AK6512CA is a 65536-bit, serial, read/write, non-volatile memory device fabricated using an
advanced CMOS EEPROM technology.
The AK6512CA has 65536-bits of memory organized as
8192 registers of 8 bits each.
The AK6512CA can operate all function under wide operating
voltage range: 1.8V to 5.5V.
The charge up circuit for high voltage generation needed for write
operations is integrated.
The AK6512CA serial interface is compatible to a SPI bus.
The AK6512CA has 6 instructions:
READ, WRITE, WREN (write enable), WRDI (write disable), RDSR (read status register), and
WRSR (write status register).
Each instruction is organized by an op-code (8bits), address (16bits), and data (8bits).
When input
level of CS pin changed from high level to low level, AK6512CA can receive instructions.
Pin Configurations
Pin name
Functions
CS
Chip Select input
SCK
Serial Clock input
SI
Serial Data input
SO
Serial Data output
WP
Write Protect input
HOLD
Hold input
VCC
Power Supply
GND
Ground
Type of Products
Model
Memory size
Temp. Range
VCC
Package
AK6512CAM
64K bits
-40°C to +85°C
1.8V to 5.5V
8pin Plastic SSOP
AK6512CAL
64K bits
-40°C to +85°C
1.8V to 5.5V
8pin Plastic SONW
8
7
6
5
CS
SO
WP
GND
VCC
SI
1
2
3
4
SCK
AK6512CAM
8pin SSOP
HOLD
AK6512CAL
8pin SONW
CS
SO
WP
GND
VCC
HOLD
SI
1
2
3
4
8
7
6
5
SCK


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn