Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


AK6512CA Datasheet(Hoja de datos) 1 Page - Asahi Kasei Microsystems

No. de Pieza. AK6512CA
Descripción  SPI bus 64Kbit Serial CMOS EEPROM
Descarga  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo 

 
 1 page
background image
ASAHI KASEI
[AK6512CA]
DAP03E-00
2005/03
- 1 -
AK6512CA
SPI bus 64Kbit Serial CMOS EEPROM
Features
Advanced CMOS EEPROM Technology
Single Voltage Supply: 1.8V to 5.5V
64Kbits; 8192 x 8 organization
SPI Serial Interface Compatible
High Speed Operation (fMAX=10MHz: VCC=4.5V to 5.5V)
Low Power Consumption
0.8
µA Max. (Standby mode)
High Reliability
Endurance:
1000K E/W cycles / Address
Data Retention: 10 Years
Special Features
32 byte Page Write Mode
Block Write Protection (Protect 1/4,1/2 or Entire Array)
Automatic write cycle time-out with auto-ERASE
Software and Hardware controlled Write Protection
Self timed Programming Cycle: 5msec. Max.
Ideal for Low Density Data Storage
Low cost, space saving, 8-pin SSOP/SONW package
Block Diagram
64Kbit
8192 ×8
DATA
REGISTER
INSTRUCTION
DECODE,
CONTROL
AND
CLOCK
GENERATION
INSTRUCTION
REGISTER
EEPROM
SI
CS
SCK
HOLD
ADD.
BUFFERS
VREF
VPP
GENERATOR
VPP SW
DECODER
R/W AMPS
AND
AUTO ERASE
SO
STATUS REGISTER
WP




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
AK6510CSPI bus 32K/64Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
AK6514CSPI bus 64Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
NM25C0202K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C0404K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C16016K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C64064K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
AK6516CSPI bus 256Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
M9564064Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock 1 2 3 4 5 MoreSTMicroelectronics
AK6010AI2C bus 32K / 64Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
25LC32032K 2.5V SPI Bus Serial EEPROM 1 2 3 4 5 MoreMicrochip Technology

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl