Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


AK6514C Datasheet(Hoja de datos) 2 Page - Asahi Kasei Microsystems

No. de Pieza. AK6514C
Descripción  SPI bus 64Kbit Serial CMOS EEPROM
Descarga  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo 

 
 2 page
background image
ASAHI KASEI
[AK6514C]
DAP04E-00
2005/03
- 2 -
General Description
The AK6514C is a 131072-bit, serial, read/write, non-volatile memory device fabricated using an
advanced CMOS EEPROM technology.
The AK6514C has 131072-bits of memory organized as
16384 registers of 8 bits each.
The AK6514C can operate all function under wide operating
voltage range: 1.8V to 5.5V.
The charge up circuit for high voltage generation needed for write
operations is integrated.
The AK6514C serial interface is compatible to a SPI bus.
The AK6514C has 6 instructions: READ,
WRITE, WREN (write enable), WRDI (write disable), RDSR (read status register), and WRSR (write
status register).
Each instruction is organized by an op-code (8bits), address (16bits), and data (8bits).
When input
level of CS pin changed from high level to low level, AK6514C can receive instructions.
Pin Configurations
AK6514CF
8pin SOP
GND
WP
CS
SO
2
1
3
4
VCC
7
8
6
5SI
SCK
HOLD
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
AK6514CN
5
20
16
10
6
11
15
1
20pin QFN
2
3
4
7
8
9
12
13
14
17
18
19




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
AK6510CSPI bus 32K/64Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
AK6512CASPI bus 64Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
NM25C0202K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C0404K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C16016K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C64064K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
AK6516CSPI bus 256Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
M9564064Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock 1 2 3 4 5 MoreSTMicroelectronics
AK6010AI2C bus 32K / 64Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
25LC32032K 2.5V SPI Bus Serial EEPROM 1 2 3 4 5 MoreMicrochip Technology

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl