Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AK6514C Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

No. de Pieza. AK6514C
Descripción  SPI bus 64Kbit Serial CMOS EEPROM
Descarga  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo 

AK6514C Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

 
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ASAHI KASEI
[AK6514C]
DAP04E-00
2005/03
- 4 -
Data Transfer
An IC that outputs the clock is called "MASTER", an IC that receives the clock is called "SLAVE".
The AK6514C operates as a SLAVE.
Data is written to the SI pin and read from SO pin.
The
MSB is transmitted first.
After CS pin changes hi level to low level, AK6514C receives the first data bit on the SI pin
synchronously with the rising edge of the input pulse of serial clock.
While CS pin is high level, the
data input to the SI pin is don’t care and SO pin indicates Hi-Z.
All the functions are organized 8 bits of op-code, address, and data.
If there is an invalid op-code,
the AK6514C ignores the address and data information and SO pin indicates Hi-Z.
In order to input
new op-code, CS pin should be toggled.
Hold
AK6514C has a HOLD pin that can hold the data transfer.
When HOLD changes high to low while
SCK is low, the data transfer stops.
After the HOLD pin changes high to low while SCK is low, the
data transfer starts again.
While the data transfer is paused, AK6514C ignores the clock on the
SCK line.
Write Protect
AK6514C has status registers.
When the WPEN bit in the status registers is "1", Write Protect
function is enabled.
When WPEN bit is "1" and WP pin is low level, the status register is protected
from write function.
When WP pin becomes low level while the WRITE to the status register
instruction is written, the AK6514C doesn’t accept the instruction.
When the WP pin changes low
level while the internal programming, the programming function continues.
When the WPEN bit is "0", WP pin function is disabled.
Even if WP pin is fixed to low level, the
WRITE function to the status register can be done.
When the WP pin is high level, AK6514C can
accept all of READ and WRITE functions.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn