Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AK6514C Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

No. de Pieza. AK6514C
Descripción  SPI bus 64Kbit Serial CMOS EEPROM
Descarga  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo 

AK6514C Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

 
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ASAHI KASEI
[AK6514C]
DAP04E-00
2005/03
- 5 -
Pin Description
CS (Chip Select Input)
When CS changes high level to low level, the AK6514C can receive the instructions.
CS should be kept low level while receiving op-code, address and data, and while outputting
data.
When CS is high level, SO indicate Hi-Z.
SCK (Serial Clock Input)
The SCK clock pin is the synchronous clock input for input/output data.
SI (Serial Data Input)
The op-code, address, and data are written to the SI pin.
SO (Serial Data Output)
The SO pin outputs the data from memory array and status register.
WP (Write Protect Input)
The WP pin controls the write function to the status register.
When the WPEN bit in the status register is "0", the function of WP pin becomes disable.
Then the status register can be programmable when the WEN bit in the status register is "1".
And it does not depend on the status of WP pin.
When the WPEN bit is "1", the function of WP is enabled.
Then the status register can not
be programmable when the WEN bit is "1" and the status of WP pin is low.
When the WPEN bit is "1", WP pin is high and WEN bit is "1", AK6514C can accept the
WRITE instruction to the status registers.
During the instruction input, WP pin should keep high or low level.
HOLD (Hold Input)
The HOLD pin can hold the data transfer.
When the HOLD pin changes hi to low while the
SCK is low, the data transfer is held.
And the transfer starts when the HOLD pin changes
low to high while the SCK is low.
While the holding the data transfer, AK6514C ignores the
clock signal on SCK pin.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn