Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AK6516C Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

No. de Pieza. AK6516C
Descripción  SPI bus 256Kbit Serial CMOS EEPROM
Descarga  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo 

AK6516C Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

 
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ASAHI KASEI
[AK6516C]
DAP05E-00
2005/03
- 2 -
General Description
The AK6516C is a 262144-bit, serial, read/write, non-volatile memory device fabricated using an
advanced CMOS EEPROM technology.
The AK6516C has 262144-bits of memory organized as
32768 registers of 8 bits each.
The AK6516C can operate all function under wide operating
voltage range: 1.6V to 5.5V.
The charge up circuit for high voltage generation needed for write
operations is integrated.
The AK6516C serial interface is compatible to a SPI bus.
The AK6516C has 6 instructions: READ,
WRITE, WREN (write enable), WRDI (write disable), RDSR (read status register), and WRSR (write
status register).
Each instruction is organized by an op-code (8bits), address (16bits), and data (8bits).
When input
level of CS pin changed from high level to low level, AK6516C can receive instructions.
Pin Configurations
Pin name
Functions
CS
Chip Select input
SCK
Serial Clock input
SI
Serial Data input
SO
Serial Data output
WP
Write Protect input
HOLD
Hold input
VCC
Power Supply
GND
Ground
Type of Products
Model
Memory size
Temp. Range
VCC
Package
AK6516CF
256K bits
-40°C to +85°C
1.6V to 5.5V
8pin Plastic SOP
AK6516CF
8pin SOP
GND
WP
CS
SO
2
1
3
4
VCC
7
8
6
5SI
SCK
HOLD


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn