Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


AK6516C Datasheet(Hoja de datos) 5 Page - Asahi Kasei Microsystems

No. de Pieza. AK6516C
Descripción  SPI bus 256Kbit Serial CMOS EEPROM
Descarga  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo 

 
 5 page
background image
ASAHI KASEI
[AK6516C]
DAP05E-00
2005/03
- 5 -
Function Description
AK6516C has six instructions.
The instruction can be input after the CS pin changes high to low.
All the instructions are MSB first.
Instruction
Op-code
Address
Data
Description
READ
0000 X011
X A14-A8
A7-A0
D7-D0 (out)
Read from Memory Array
WRITE
0000 X010
X A14-A8
A7-A0
D7-D0 (in)
Write to Memory Array
WREN
0000 X110
------
------
Write Enable
WRDI
0000 X100
------
------
Write Disable
RDSR
0000 X101
Bit7-Bit0 (out)
------
------
Read Status Register
WRSR
0000 X001
Bit7-Bit0 (in)
------
------
Write Status Register
X: don’t care
Table 1. Instruction set for AK6516C
WREN (WRITE ENABLE) / WRDI (WRITE DISABLE)
The WRITE function can be accepted only in the status of Write Enable. After VCC is applied,
AK6516C is in the status of Write Disable.
After the function of WRDI, AK6516C cannot accept any
programming function.
WREN
WRDI
01234567
1
X
0
0
0
00
0
Hi-Z
CS
SCK
SI
SO
X = don’t care
01234567
1
X
0
0
0
01
0
Hi-Z
CS
SCK
SI
SO
X = don’t care




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
AK6512CASPI bus 64Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
AK6514CSPI bus 64Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
M95128256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock 1 2 3 4 5 MoreSTMicroelectronics
NM25C0202K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C0404K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C16016K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C64064K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
AK6510CSPI bus 32K/64Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
FM93C46A1K-Bit Serial CMOS EEPROM MICROWIRE™ Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM93C46A1K-Bit Serial CMOS EEPROM MICROWIRE™ Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl