Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AK6516C Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

No. de Pieza. AK6516C
Descripción  SPI bus 256Kbit Serial CMOS EEPROM
Descarga  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo 

AK6516C Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ASAHI KASEI
[AK6516C]
DAP05E-00
2005/03
- 11 -
Electrical Characteristics
(1) D.C. ELECTRICAL CHARACTERISTICS
(1.6V
≤VCC≤5.5V, -40°C≤Ta≤85°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Max.
Unit
ICC1
VCC=5.5V,fSCK=10.0MHz, *1
2.5
mA
Current Dissipation
(WRITE)
ICC2
VCC=2.5V,fSCK=5.0MHz, *1
2.0
mA
ICC3
VCC=1.6V,fSCK=2.0MHz, *1
1.5
mA
ICC4
VCC=5.5V,fSCK=10.0MHz, *1
2.0
mA
Current Dissipation
(READ)
ICC5
VCC=2.5V,fSCK=5.0MHz, *1
0.4
mA
ICC6
VCC=1.6V,fSCK=2.0MHz, *1
0.2
mA
Current Dissipation
(Standby)
ICCS
VCC=5.5V
*2
0.8
µA
VIH1
2.5V
≤VCC≤5.5V
0.7xVCC
VCC+0.5
V
Input High Voltage
VIH2
1.6V
≤VCC<2.5V
0.8xVCC
VCC+0.5
V
VIL1
2.5V
≤VCC≤5.5V
-0.3
0.3xVCC
V
Input Low Voltage
VIL2
1.6V
≤VCC<2.5V
-0.3
0.2xVCC
V
Output High Voltage
VOH1
4.5V
≤VCC≤5.5V
IOH=-2mA
VCC-0.5
V
VOH2
2.5V
≤VCC<4.5V
IOH=-0.4mA
VCC-0.2
V
VOH3
1.6V
≤VCC<2.5V
IOH=-0.1mA
VCC-0.2
V
Output Low Voltage
VOL1
4.5V
≤VCC≤5.5V
IOL=3.0mA
0.4
V
VOL2
2.5V
≤VCC<4.5V
IOL=1.6mA
0.4
V
VOL3
2.5V
≤VCC<4.5V
IOL=1.0mA
0.2
V
VOL4
1.6V
≤VCC<2.5V
IOL=1.0mA
0.2
V
ILI
VCC=5.5V, VIN=VCC/GND
±1.0
µA
Input Leakage
CS, SCK, DI pins
WP, HOLD pins
Output Leakage
SO pin
ILO
VCC=5.5V,
VOUT=VCC/GND
±1.0
µA
*1: VIN=VIH/VIL, SO=open
*2: CS=VCC, VIN=VCC/GND, WP,HOLD=VCC, SO=open
(2) CAPACITANCE
(Ta=25°C, fSCK=1MHz, VCC=5.0V)
Parameter
Symbol
Condition
Min.
Max.
Unit
Output Capacitance
SO pin
CO
VO=0V
8.0
pF
Input Capacitance
CS, SCK, SI pins
CIN
VIN=0V
6.0
pF
Note: These parameters are not 100% tested.
These are the sample value.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn