Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AK6516C Datasheet(PDF) 12 Page - Asahi Kasei Microsystems

No. de Pieza. AK6516C
Descripción  SPI bus 256Kbit Serial CMOS EEPROM
Descarga  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo 

AK6516C Datasheet(HTML) 12 Page - Asahi Kasei Microsystems

Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ASAHI KASEI
[AK6516C]
DAP05E-00
2005/03
- 12 -
(3) A.C. ELECTRICAL CHARACTERISTICS 1
(1.6V
≤VCC≤5.5V, -40°C≤Ta≤85°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Max.
Unit
fSCK1
4.5V
≤VCC≤5.5V
10.0
MHz
SCK Frequency
fSCK2
2.5V
≤VCC<4.5V
5.0
MHz
fSCK3
1.6V
≤VCC<2.5V
2.0
MHz
tSKSH1
4.5V
≤VCC≤5.5V
20
ns
SCK Setup Time
tSKSH2
2.5V
≤VCC<4.5V
50
ns
tSKSH3
1.6V
≤VCC<2.5V
50
ns
tCSS1
4.5V
≤VCC≤5.5V
40
ns
CS Setup Time
tCSS2
2.5V
≤VCC<4.5V
80
ns
tCSS3
1.6V
≤VCC<2.5V
200
ns
tSKW1
4.5V
≤VCC≤5.5V
40
ns
SCK Pulse Width
tSKW2
2.5V
≤VCC<4.5V
80
ns
tSKW3
1.6V
≤VCC<2.5V
200
ns
SCK Rise Time
*3
tRC
2
µs
SCK Fall Time
*3
tFC
2
µs
tDIS1
4.5V
≤VCC≤5.5V
15
ns
Data Setup Time
tDIS2
2.5V
≤VCC<4.5V
20
ns
tDIS3
1.6V
≤VCC<2.5V
50
ns
tDIH1
4.5V
≤VCC≤5.5V
15
ns
Data Hold Time
tDIH2
2.5V
≤VCC<4.5V
30
ns
tDIH3
1.6V
≤VCC<2.5V
60
ns
Data Rise Time
*3
tRD
2
µs
Data Fall Time
*3
tFD
2
µs
tPD1
4.5V
≤VCC≤5.5V
25
ns
SO pin Output Delay
tPD2
2.5V
≤VCC<4.5V
60
ns
tPD3
1.6V
≤VCC<2.5V
100
ns
tOZ1
4.5V
≤VCC≤5.5V
40
ns
SO pin Hi-Z Time
tOZ2
2.5V
≤VCC<4.5V
100
ns
tOZ3
1.6V
≤VCC<2.5V
200
ns
SO pin Output Hold Time
tOHD
0
ns
tCSH1
4.5V
≤VCC≤5.5V
40
ns
CS Hold Time
tCSH2
2.5V
≤VCC<4.5V
80
ns
tCSH3
1.6V
≤VCC<2.5V
200
ns
tSKH1
4.5V
≤VCC≤5.5V
20
ns
SCK Hold Time
tSKH2
2.5V
≤VCC<4.5V
50
ns
tSKH3
1.6V
≤VCC<2.5V
50
ns
tCS1
4.5V
≤VCC≤5.5V
40
ns
CS High Time
tCS2
2.5V
≤VCC<4.5V
100
ns
tCS3
1.6V
≤VCC<2.5V
200
ns
*3: These parameters are not 100% tested.
These are the sample value.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn