Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AK6516C Datasheet(PDF) 13 Page - Asahi Kasei Microsystems

No. de Pieza. AK6516C
Descripción  SPI bus 256Kbit Serial CMOS EEPROM
Descarga  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo 

AK6516C Datasheet(HTML) 13 Page - Asahi Kasei Microsystems

 
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ASAHI KASEI
[AK6516C]
DAP05E-00
2005/03
- 13 -
(4) A.C. ELECTRICAL CHARACTERISTICS 2
(1.6V
≤VCC≤5.5V, -40°C≤Ta≤85°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Max.
Unit
tHFS1
4.5V
≤VCC≤5.5V
15
ns
HOLD Setup Time 1
tHFS2
2.5V
≤VCC<4.5V
30
ns
tHFS3
1.6V
≤VCC<2.5V
90
ns
tHFH1
4.5V
≤VCC≤5.5V
15
ns
HOLD Hold Time 1
tHFH2
2.5V
≤VCC<4.5V
30
ns
tHFH3
1.6V
≤VCC<2.5V
90
ns
tHRS1
4.5V
≤VCC≤5.5V
15
ns
HOLD Setup Time 2
tHRS2
2.5V
≤VCC<4.5V
30
ns
tHRS3
1.6V
≤VCC<2.5V
90
ns
tHRH1
4.5V
≤VCC≤5.5V
15
ns
HOLD Hold Time 2
tHRH2
2.5V
≤VCC<4.5V
30
ns
tHRH3
1.6V
≤VCC<2.5V
90
ns
tHOZ1
4.5V
≤VCC≤5.5V
25
ns
HOLD Low to Output Hi-Z
tHOZ2
2.5V
≤VCC<4.5V
100
ns
tHOZ3
1.6V
≤VCC<2.5V
150
ns
tHPD1
4.5V
≤VCC≤5.5V
25
ns
HOLD High to Output Low-Z
tHPD2
2.5V
≤VCC<4.5V
50
ns
tHPD3
1.6V
≤VCC<2.5V
100
ns
Selftimed Programming Time
tWR
5
ms
AC Measurement Condition
Load Capacitance
CL=100pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn