Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TCD1304DG Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TCD1304DG
Descripción Electrónicos  TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCD1304DG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TCD1304DG Datasheet HTML 1Page - Toshiba Semiconductor TCD1304DG Datasheet HTML 2Page - Toshiba Semiconductor TCD1304DG Datasheet HTML 3Page - Toshiba Semiconductor TCD1304DG Datasheet HTML 4Page - Toshiba Semiconductor TCD1304DG Datasheet HTML 5Page - Toshiba Semiconductor TCD1304DG Datasheet HTML 6Page - Toshiba Semiconductor TCD1304DG Datasheet HTML 7Page - Toshiba Semiconductor TCD1304DG Datasheet HTML 8Page - Toshiba Semiconductor TCD1304DG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TCD1304DG
2004-01-06
1
TOSHIBA CCD LINEAR IMAGE SENSOR
CCD(Charge Coupled Device)
TCD1304DG
The TCD1304DG is a high sensitive and low dark current 3648
−elements linear image sensor. The sensor can be used for POS
scanner.
The device consist of sensitivity CCD chip.
The TCD1304DG has electronic shutter function (ICG).
Electronic shutter funtion can keep always output voltage
constant that vary with intensity of lights.
FEATURES
Pixel Number
: 3648
Pixel Size
: 8µm×200µm
Photo Sensing Region
: High Sensitive & Low Dark Current pn Photodiode
Internal Circuit : CCD Drive Circuit
Power Supply
: Only 3.0V Drive (MIN.)
Function
: Electronic Shutter
Sample and Hold Circuit
Package
: 22 Pin CERDIP PACKAGE
MAXIMUM RATINGS (Note 1)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Master Clock Pulse Voltage
VφM
SH Pulse Voltage
VSH
ICG Pulse Voltage
VICG
Digital Power Supply
VDD
Analog Power Supply
VAD
−0.3~7
V
Operating Temperature
Topr
−25~60
°C
Storage Temperature
Tstg
−40~100
°C
Note:
All voltage are with respect to SS terminals. (Ground)
Weight: (3.5g (Typ.))
PIN CONNECTION
(TOP VIEW)
Preliminary
Preliminary
Preliminary
Preliminary


Número de pieza similar - TCD1304DG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
   CCD LINEAR IMAGE SENSOR
More results

Descripción similar - TCD1304DG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TCD2000P TOSHIBA-TCD2000P Datasheet
261Kb / 11P
   TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD1201DG TOSHIBA-TCD1201DG Datasheet
461Kb / 12P
   TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
2004-02-09
TCD2558D TOSHIBA-TCD2558D Datasheet
244Kb / 15P
   TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
TCD1001P TOSHIBA-TCD1001P Datasheet
288Kb / 11P
   TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD1706D TOSHIBA-TCD1706D Datasheet
208Kb / 11P
   TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
2001-02-22
TCD1706DG TOSHIBA-TCD1706DG Datasheet
261Kb / 11P
   TOSHIBA CCD Linear Image Sensor CCD (Charge Coupled Device)
2004-03-18
TCD1709D TOSHIBA-TCD1709D Datasheet
222Kb / 13P
   TOSHIBA CCD Linear Image Sensor CCD (Charge Coupled Device)
TCD2561D TOSHIBA-TCD2561D Datasheet
264Kb / 16P
   TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
TCD2560D TOSHIBA-TCD2560D Datasheet
285Kb / 15P
   TOSHIBA CCD Image Sensor CCD (charge coupled device)
TCD1707D TOSHIBA-TCD1707D Datasheet
399Kb / 11P
   CCD LINEAR IMAGE SENSOR CCD (CHARGE COUPLED DEVICE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com