Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KAQV214H Datasheet(PDF) 2 Page - COSMO Electronics Corporation

No. de Pieza. KAQV214H
Descripción  SOLID STATE RELAY - MOSFET OUTPUT
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  COSMO [COSMO Electronics Corporation]
Página de inicio  http://www.cosmo-ic.com
Logo 

KAQV214H Datasheet(HTML) 2 Page - COSMO Electronics Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PRODUCT SPECIFICATION
DATE:03/01/2005
Preliminary
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQV214H
SHEET 2 OF 7
REV.
0
Electro-optical Characteristics
Ta=25℃)
Parameter
Symbol
Conditions
Min. Typ. Max. Unit.
Emitter(Input)
Forward Voltage
VF
IF=10mA
1.2
1.5
V
Operation Input Current
IFON
VL=±20V,IL=100mA,t=10ms
5.0
mA
Recovery Input Current
IFOFF
VL=±20V,IL≦5µA
0.2
mA
Detector(Output)
Output Breakdown Voltage
VB
IB=50µA
400
V
Output Off-State Leakage
ITOFF
VT=100V,IF=0mA
0.2
1
μ
A
I/O Capacitance
CISO
IF=0,f=1MHz
6
pF
A
20
30
B
10
15
ON Resistance Connection
C
RON
IL=100mA,IF=10mA
5
7.5
Ω
Turn-On Time
TON
0.3
1.0
ms
Turn-Off Time
TOFF
IF=10mA,VL=±20V
t=10ms,IL=±100mA
0.7
1.5
ms
Schematic and Wiring Diagrams
Schematic
Output
Configuration
Load
Connection
Wiring Diagrams
AC/DC
A
V
2
3
IN
IF
1
5
4
6
L
I
Load
V (AC,DC)
L
IL
4
6
Load
(AC,DC)
L
V
DC
B
+
I
Load
6
4
5
IL
6
4
5
L
V
Load
(DC)
-
+
L
V (DC)
-
L
+
6
4
5
Load
IL
5
Load
L
I
L
V (DC)
-
+
L
V (DC)
-
1
V
V
F
I
3
2
IN
IN
IF
1
3
2
3
2
1
4
5
6
1a
DC
C
+
I
6
+
Load
6
1
VIN
IF
3
2
4
5
V
IL
(DC)
-
L
4
5
Load
L
(DC)
L
V
-


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KAQV216HSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQY210BHSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQV217HSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQY210HSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQV414HSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQY212HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT 1 2 COSMO Electronics Corporation
KAQW210HSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQY212HSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQW212HSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQY212SEHIGH VOLTAGE SOLID STATE RELAY MOSFET OUTPUT 1 2 COSMO Electronics Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn