Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KAQV214H Datasheet(PDF) 4 Page - COSMO Electronics Corporation

No. de Pieza. KAQV214H
Descripción  SOLID STATE RELAY - MOSFET OUTPUT
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  COSMO [COSMO Electronics Corporation]
Página de inicio  http://www.cosmo-ic.com
Logo 

KAQV214H Datasheet(HTML) 4 Page - COSMO Electronics Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PRODUCT SPECIFICATION
DATE:03/01/2005
Preliminary
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQV214H
SHEET 4 OF 7
REV.
0
LED operate current vs.
ambient temperature
Load Voltage:400V(DC)
Continuous load current:130mA(DC)
LED Turn Off current vs.
ambient temperature
Load Voltage:400V(DC)
Continuous load current:130mA(DC)
-40
0
1
3
2
4
-20
0
20 40
5
60 80
0
1
-20
-40
3
2
4
5
80
40
020
60
Ambient temperature Ta(℃)
Ambient temperature Ta(℃)
LED dropout voltage vs.
ambient temperature
LED current:5 to 50mA
Voltage vs. current characteristics
of output at MOSFET portion
Measured portion:across terminals
4 and 6 pin
Ambient temperature:25℃
80
-20
-40
0
20 40 60
1.9
1.3
0
0.9
1.1
1.7
1.5
100
5mA
50mA
10mA
20mA
30mA
-2
-4
-5
-3
120
Voltage V
5
4
23
1
-80
-120
-100
-40
-60
-20
60
20
40
80
100
-1
Ambient temperature Ta(℃)
Ambient temperature:25℃


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KAQV216HSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQY210BHSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQV217HSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQY210HSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQV414HSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQY212HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT 1 2 COSMO Electronics Corporation
KAQW210HSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQY212HSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQW212HSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQY212SEHIGH VOLTAGE SOLID STATE RELAY MOSFET OUTPUT 1 2 COSMO Electronics Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn