Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KAQV214H Datasheet(PDF) 6 Page - COSMO Electronics Corporation

No. de Pieza. KAQV214H
Descripción  SOLID STATE RELAY - MOSFET OUTPUT
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  COSMO [COSMO Electronics Corporation]
Página de inicio  http://www.cosmo-ic.com
Logo 

KAQV214H Datasheet(HTML) 6 Page - COSMO Electronics Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PRODUCT SPECIFICATION
DATE:03/01/2005
Preliminary
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQV214H
SHEET 6 OF 7
REV.
0
USING METHODS
Examples of resistance value to
control LED forward current(IF)
SSR-MOSFET OUTPUT
IF=5mA)
E
R
3
2
1
4
5
6
E
R
3.3V
Approx. 330 Ω
5V
Approx. 640 Ω
12V
Approx. 1.9K Ω
15V
Approx. 2.5K Ω
24V
Approx. 4.1K Ω
1) LED forward current must be more than 5mA,at E min.
2) LED forward current must be less than 50mA,at E max.
Emin.
Emax.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KAQV216HSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQY210BHSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQV217HSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQY210HSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQV414HSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQY212HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT 1 2 COSMO Electronics Corporation
KAQW210HSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQY212HSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQW212HSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation
KAQY212SEHIGH VOLTAGE SOLID STATE RELAY MOSFET OUTPUT 1 2 COSMO Electronics Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn