Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS16X Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No. de pieza BAS16X
Descripción Electrónicos  Swithching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Página de inicio  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BAS16X Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BAS16X Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAS16X Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical Characteristics
BAS16X


Número de pieza similar - BAS16X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Galaxy Semi-Conductor H...
BAS16X BILIN-BAS16X Datasheet
196Kb / 3P
   High speed Switching Diode
logo
Goodwork Semiconductor ...
BAS16X GWSEMI-BAS16X Datasheet
239Kb / 3P
   Plastic-Encapsulate Diodes
logo
Micro Commercial Compon...
BAS16X MCC-BAS16X Datasheet
235Kb / 3P
   150mW 75Volt Switching Diode
logo
Shenzhen Luguang Electr...
BAS16X LUGUANG-BAS16X Datasheet
278Kb / 2P
   High Speed Switching Diodes
logo
WILLAS ELECTRONIC CORP
BAS16X WILLAS-BAS16X Datasheet
402Kb / 3P
   SOD-523 Plastic-Encapsulate Diodes
More results

Descripción similar - BAS16X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHENZHEN YONGERJIA INDU...
BAS16X WINNERJOIN-BAS16X Datasheet
244Kb / 2P
   Swithching Diode
BAS16X WINNERJOIN-BAS16X_15 Datasheet
244Kb / 2P
   Swithching Diode
logo
Shanghai Leiditech Elec...
MMBD7000 LEIDITECH-MMBD7000 Datasheet
391Kb / 3P
   Dual Swithching Diode
logo
Microsemi Corporation
1N4454UR-1 MICROSEMI-1N4454UR-1 Datasheet
64Kb / 1P
   MINI-MELF-SMD Silicon Swithching Diode
1N914UR-1 MICROSEMI-1N914UR-1 Datasheet
64Kb / 1P
   MINI-MELF-SMD Silicon Swithching Diode
logo
Pan Jit International I...
BAS21W-AU PANJIT-BAS21W-AU Datasheet
218Kb / 5P
   SURFACE MOUNT SWITHCHING DIODES
logo
Continental Device Indi...
PN2369 CDIL-PN2369 Datasheet
250Kb / 4P
   NPN SILICON HIGH SPEED SWITHCHING TRANSISTORS
logo
Mean Well Enterprises C...
S-210 MEANWELL-S-210 Datasheet
274Kb / 2P
   210W Single Output Swithching Power Supply
logo
Continental Device Indi...
P2N2369A CDIL-P2N2369A Datasheet
255Kb / 4P
   NPN SILICON HIGH SPEED SWITHCHING TRANSISTOR
P2N2369 CDIL-P2N2369 Datasheet
253Kb / 4P
   NPN SILICON HIGH SPEED SWITHCHING TRANSISTORS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com