Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UF08-01 Datasheet(PDF) 2 Page - First Components International

No. de pieza UF08-01
Descripción Electrónicos  8.0 Amp ULTRAFAST PLASTIC RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FCI [First Components International]
Página de inicio  http://www.cotra.com.tw/
Logo FCI - First Components International

UF08-01 Datasheet(HTML) 2 Page - First Components International

  UF08-01 Datasheet HTML 1Page - First Components International UF08-01 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
8.0 Amp ULTRAFAST
PLASTICRECTIFIERS
Page 4-33
Ratingsat
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 Hz
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Forward Current Derating Curve
9
6
3
0
25
50
75 100
150
125
175
Case Temperature (°°°°°C)
8
Rated V
R Applied
Square Wave
DC
Forward Current Derating Curve
Typical Reverse Characteristics
Reverse Voltage (V)
9
8
0
25
100
Reverse Recovery Characteristics
Typical Instantaneous Forward Characteristics
Forward Voltage (V)
Non-Inductive
1 Ω
Non-
Inductive
D.U.T
10Ω
Oscilliscope
Note 1
Pulse
Generator
Note 2
(-)
(+)
50Ω
(-)
(+)
25 VDC
Notes: 1. Rise Time = 7 ns Max.
Impedance = 1 megohm, 22 pF
2. Rise Time = 10 ns Max.
Source Impedance = 50 Ohms
Time Base Set @ 50/100ns/cm
+.5A
0A
-.25A
-1.0A
1 cm
t
RR
6
3
50 75
125 150 175
Ambient Temperature (°°°°°C)
T
J = 25°C
T
J = 175°C
T
J = 100°C
175°C
25°C
150°C
100°C


Número de pieza similar - UF08-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
UF08A60 MOSPEC-UF08A60 Datasheet
188Kb / 2P
   Utra Fast Recovery Rectifier Diodes
logo
Cynergy3 Co
UF08B CYNERGY3-UF08B Datasheet
692Kb / 1P
   device at a fraction of the cost of other current non-invasive systems
More results

Descripción similar - UF08-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
MUR820 TSC-MUR820 Datasheet
54Kb / 2P
   8.0 AMPS. Ultrafast Plastic Rectifiers
logo
DIYI Electronic Technol...
8A05 DYELEC-8A05 Datasheet
636Kb / 2P
   8.0 AMP. Silicon Rectifiers Plastic
logo
Taiwan Semiconductor Co...
UG06A TSC-UG06A Datasheet
67Kb / 2P
   0.6 AMP. Ultrafast Plastic Rectifiers
logo
First Components Intern...
RL801 FCI-RL801 Datasheet
85Kb / 2P
   8.0 Amp Glass Passivated PLASTIC SILICON RECTIFIERS
HERS101G FCI-HERS101G Datasheet
207Kb / 2P
   1.0 Amp ULTRAFAST SMD PLASTIC RECTIFIERS
FR80 FCI-FR80 Datasheet
134Kb / 2P
   8.0 Amp FAST RECOVERY PLASTIC RECTIFIERS Mechanical Dimensions
logo
Taiwan Semiconductor Co...
UF1A TSC-UF1A_1 Datasheet
68Kb / 2P
   1.0 AMP. Glass Passivated Ultrafast Plastic Rectifiers
logo
First Components Intern...
UF30C05 FCI-UF30C05 Datasheet
131Kb / 2P
   30 Amp ULTRAFAST SWITCHMODE POWER PLASTIC RECTIFIERS
logo
Bytes
HER801 BYTES-HER801 Datasheet
162Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
SF81 BYTES-SF81 Datasheet
165Kb / 2P
   8.0 AMP SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com