Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KT-SRT-FF Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

No. de pieza KT-SRT-FF
Descripción Electrónicos  Starter Kit for FOUNDATION Fieldbus H1 Infrastructure
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PF [Pepperl+Fuchs Inc.]
Página de inicio  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KT-SRT-FF Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  KT-SRT-FF Datasheet HTML 1Page - Pepperl+Fuchs Inc. KT-SRT-FF Datasheet HTML 2Page - Pepperl+Fuchs Inc. KT-SRT-FF Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
Fieldbus distribution
Number of outputs
6
Rated output voltage
max. 31 V DC
Rated output current
max. 43 mA
Short-circuit current
max. 58 mA
Terminator
external
General information
Supplementary information
Statement of Conformity, Declaration of Conformity, Attestation of Conformity and
instructions have to be observed where applicable. For information see www.pepperl-
fuchs.com.
Assembly
Matching System Components
KLD2-FBPS-1.25.360
KT-SRT-FF
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Número de pieza similar - KT-SRT-FF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Pepperl+Fuchs Inc.
Pepperl+Fuchs Inc.
KT-SRT-PA PF-KT-SRT-PA Datasheet
1,003Kb / 3P
   Starter Kit for PROFIBUS PA Infrastructure
2021-01-12
More results

Descripción similar - KT-SRT-FF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
ATMEL Corporation
ATMEL Corporation
ATSTK94 ATMEL-ATSTK94 Datasheet
633Kb / 24P
   Starter Kit
Texas Instruments
Texas Instruments
DAC8740H TI1-DAC8740H Datasheet
239Kb / 8P
[Old version datasheet]   HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
STMicroelectronics
STMicroelectronics
AN1953 STMICROELECTRONICS-AN1953 Datasheet
222Kb / 20P
   PFC for ST7MC starter kit
Texas Instruments
Texas Instruments
DAC8740H TI1-DAC8740H_17 Datasheet
259Kb / 11P
[Old version datasheet]   HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
Molex Electronics Ltd.
Molex Electronics Ltd.
1300410016 MOLEX-1300410016 Datasheet
494Kb / 3P
   Brad짰 Foundation Fieldbus Cordsets and Receptacles
List of Unclassifed Manufacturers
List of Unclassifed Man...
32520 ETC2-32520 Datasheet
150Kb / 2P
   BlocklyProp Starter Kit
Zentrum Mikroelektronik Dresden AG
Zentrum Mikroelektronik...
ZMD44102SKB ZMD-ZMD44102SKB Datasheet
147Kb / 1P
   Starter Kit Bundle
Texas Instruments
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
MSP-EXP430G2 TI-MSP-EXP430G2 Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
DAC8740H TI1-DAC8740H_18 Datasheet
1Mb / 53P
[Old version datasheet]   DAC874xH, HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
STMicroelectronics
STMicroelectronics
STM32100B-MCKIT STMICROELECTRONICS-STM32100B-MCKIT Datasheet
56Kb / 3P
   Motor control starter kit
More results


Html Pages

1  2  3 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com