Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA58603 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza SA58603
Descripción Electrónicos  High precision operational amplifier, comparator, and voltage reference
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA58603 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA58603 Datasheet HTML 1Page - NXP Semiconductors SA58603 Datasheet HTML 2Page - NXP Semiconductors SA58603 Datasheet HTML 3Page - NXP Semiconductors SA58603 Datasheet HTML 4Page - NXP Semiconductors SA58603 Datasheet HTML 5Page - NXP Semiconductors SA58603 Datasheet HTML 6Page - NXP Semiconductors SA58603 Datasheet HTML 7Page - NXP Semiconductors SA58603 Datasheet HTML 8Page - NXP Semiconductors SA58603 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Philips Semiconductors
Product data
SA58603
High precision operational amplifier,
comparator, and voltage reference
2002 Nov 13
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
TEMPERATURE
TYPE NUMBER
NAME
DESCRIPTION
RANGE
SA58603D
SO8
plastic small outline package; 8 leads; body width 3.9 mm
–40 to +85
°C
PIN CONFIGURATION
SL01535
1
2
3
4
8
7
6
5
TOP VIEW
SO8
AIN+
AIN–
AOUT
GND
VCC
COMPOUT
VS
COMIN–
Figure 2. Pin configuration.
PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
AIN+
Non-inverting input of Op Amp. This is a PNP amplifier with the reference voltage as its supply voltage.
2
AIN–
Inverting input of Op Amp. This is a PNP amplifier with the reference voltage as its supply voltage.
3
AOUT
Output of Op Amp. This is a NPN emitter follower output with a 22 k
Ω internal on-chip pull-down resistor. Its supply
voltage is VCC.
4
GND
Ground.
5
COMPIN–
Inverting input of Comparator. This is a PNP amplifier with VCC as its positive supply voltage.
6
VS
Reference voltage output. The output reference is typically 1.27 V. The output reference is derived from the series
combination of a NPN transistor (configured as a diode with the base shorted to the collector) and a 120 k
Ω resistor.
7
COMPOUT
Output of Comparator. It is an open collector output stage which requires an external pull-up resistor.
8
VCC
Positive supply. Its operating range is 1.8 to 6.0 V.


Número de pieza similar - SA58603

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
SA58631 PHILIPS-SA58631 Datasheet
373Kb / 19P
   3 W BTL audio amplifier
Rev. 01-1 December 2005
SA58631 NXP-SA58631 Datasheet
130Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
SA58631TK PHILIPS-SA58631TK Datasheet
373Kb / 19P
   3 W BTL audio amplifier
Rev. 01-1 December 2005
SA58631TK NXP-SA58631TK Datasheet
130Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
SA58631 PHILIPS-SA58631_15 Datasheet
138Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
More results

Descripción similar - SA58603

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
First Components Intern...
FTSM102A FCI-FTSM102A Datasheet
177Kb / 9P
   Dual Operational Amplifier Dual Comparator and Adjustable Voltage Reference
logo
Unisonic Technologies
UM602 UTC-UM602 Datasheet
56Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
logo
STMicroelectronics
TSM102 STMICROELECTRONICS-TSM102 Datasheet
74Kb / 10P
   DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
logo
National Semiconductor ...
LM10 NSC-LM10_00 Datasheet
779Kb / 25P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10 TI1-LM10 Datasheet
3Mb / 37P
[Old version datasheet]   Operational Amplifier and Voltage Reference
LM10-MIL TI1-LM10-MIL Datasheet
2Mb / 29P
[Old version datasheet]   Operational Amplifier and Voltage Reference
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10QML TI1-LM10QML_14 Datasheet
1Mb / 28P
[Old version datasheet]   Operational Amplifier and Voltage Reference
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com