Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMH4802 Datasheet(PDF) 8 Page - Summit Microelectronics, Inc.

No. de pieza SMH4802
Descripción Electrónicos  Programmable -48V Hot-Swap Controller with Forced Shut Down
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMMIT [Summit Microelectronics, Inc.]
Página de inicio  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4802 Datasheet(HTML) 8 Page - Summit Microelectronics, Inc.

Back Button SMH4802 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMH4802 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4802 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4802 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4802 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4802 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMH4802 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMH4802 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMH4802 Datasheet HTML 12Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
SMH4802
2062 2.3 6/19/03
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
APPLICATIONS INFORMATION
Powering VDD
The 12V shunt regulator between the VDD and VSS pins
allows the SMH4802 to operate over a wide range of
supply voltages. It is necessary to use a series dropping
resistor (RD) between the host power supply and the VDD
pininordertobiastheshuntregulatorandlimitcurrentintothe
device.
System Enable
The EN/TS input provides an active high comparator input
that may be used as a master enable or temperature
sense input.
Under-/Over-Voltage Sensing
The Under-Voltage (UV) and Over-Voltage (OV) inputs
provide a set of comparators that act in conjunction with an
external resistor divider network to sense when the host
supply voltage exceeds the user defined limits. If the input
to the UV pin rises above 2.5V, and the input to the OV pin
falls below 2.5V, the power-up sequence may be initiated.
If UV falls below 2.5V, or OV rises above 2.5V, the PG#
and VGATE outputs will be shut down immediately.
Under-/Over-Voltage Filtering
The SMH4802 may also be configured so that an out of
tolerance condition on UV/OV will not shut off the output
immediately. A filter delay can be inserted so that only
sustained under-voltage or over-voltage conditions will
shut off the output. An out of tolerance condition on UV/
OV for longer than the filter delay time (tUOFLTR) will latch
the VGATE and PG outputs in the off state if the UV/OV
filter option is enabled. The Under-/Over-Voltage Filter-
ing feature is disabled in the default configuration of the
device.
Under-Voltage Hysteresis
The Under-Voltage comparator input may be configured
with a programmable level of hysteresis. The compare
level may be set in steps (up to 15) of 62.5mV below 2.5V.
The default under-voltage hysteresis level is set to
62.5mV.
Soft Start Slew Rate Control
Once all of the preconditions for powering up the DC/DC
converters have been met, the SMH4802 provides a means
to soft start the external power FET limiting the in-rush
current. Current limiting is generally needed due to the bulk
capacitance across the power rails of the DC/DC convert-
ers. The VGATE output of the SMH4802 is current limited
to IVGATE, allowing the slew rate to be easily modified using
external passive components.
Load Control — Turning on a DC/DC Converter
Once power has been ramped to the DC/DC converter,
two conditions must be met before the PG# output can be
asserted: the DRAIN SENSE voltage must be below 2.5V,
and the VGATE voltage must be greater than V
DD – VGT.
The DRAIN SENSE input ensures the power MOSFET is
not absorbing too much steady state power from operat-
ing at a high V
DS. (This sensor remains active at all times,
except during the current regulation period).
The VGATE sensor ensures the power MOSFET is
operating well into its saturation region before allowing
the loads to be switched on. Once VGATE reaches V
DD
– V
GT this sensor is latched.
After the external MOSFET is properly switched on, the
PG# output will be asserted after a delay of t
PGD. The delay
time is programmable from 5ms to 160ms.
NOTE: The PG# output has a 12V withstand capability, so
high voltages must not be connected to this pin. A bipolar
transistor or an opto-isolator can be used to boost the
withstand voltage to that of the host supply.
Force Shutdown — Secondary Feedback
The Force Shutdown signal (FS#) is an active low input
that provides a method of receiving feedback from the
secondary side of the DC/DC controllers. A built-in hold-
off timer allows the SMH4802 to ignore the state of the FS#
input until the time period expires. The FS# input must be
driven high by the end of this time period. If not, a low level
on this input will shut off the VGATE and PG# outputs.
The purpose of the hold-off timer is to allow enough time
for devices on the secondary side of the DC/DC controller
to power-up and stabilize. This unique feature of the
SMH4802 allows supervisory circuits, such as an
SMS44, to control the shutdown of the primary side soft
start circuit, even though the secondary side initially has
no power.
Circuit Breaker Operation
The SMH4802 provides a number of circuit breaker
functions to protect against over current conditions. A
sustained over-current event could damage the host
supply and/or the load circuitry.
The board’s load current passes through a series resistor
(R
S) connected between the MOSFET source (which is tied
to CBSENSE) and V
SS.
The breaker trips (Figure 4)
whenever the voltage drop across R
S is greater than 50mV
for more than t
CBD (a programmable filter delay ranging from
10µs to 500µs).


Número de pieza similar - SMH4802

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Summit Microelectronics...
SMH4802 SUMMIT-SMH4802_09 Datasheet
631Kb / 19P
   Programmable -48V Hot-Swap Controller with Forced Shut Down
More results

Descripción similar - SMH4802

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Summit Microelectronics...
SMH4802 SUMMIT-SMH4802_09 Datasheet
631Kb / 19P
   Programmable -48V Hot-Swap Controller with Forced Shut Down
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
logo
Summit Microelectronics...
SMH4804 SUMMIT-SMH4804 Datasheet
592Kb / 41P
   -48V Programmable Hot Swap Sequencing Power Controller
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480_13 Datasheet
651Kb / 64P
   -48V Hot Swap Controller
10/26/12
logo
Linear Technology
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ_15 Datasheet
699Kb / 32P
   48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ Datasheet
399Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253B LINER-LTC4253B_15 Datasheet
373Kb / 32P
   48V Hot Swap Controller with Sequencer
LT4250L LINER-LT4250L_15 Datasheet
242Kb / 14P
   Negative 48V Hot Swap Controller
LT4250H LINER-LT4250H_15 Datasheet
242Kb / 14P
   Negative 48V Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com