Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMH4803AS Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

No. de pieza SMH4803AS
Descripción Electrónicos  Distributed Power Hot Swap Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMMIT [Summit Microelectronics, Inc.]
Página de inicio  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4803AS Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  SMH4803AS Datasheet HTML 1Page - Summit Microelectronics, Inc. SMH4803AS Datasheet HTML 2Page - Summit Microelectronics, Inc. SMH4803AS Datasheet HTML 3Page - Summit Microelectronics, Inc. SMH4803AS Datasheet HTML 4Page - Summit Microelectronics, Inc. SMH4803AS Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4803AS Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4803AS Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4803AS Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4803AS Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
2051 4.4 3/15/01
SMH4803A
Preliminary
SUMMIT MICROELECTRONICS, Inc.
PIN CONFIGURATION
PIN DESCRIPTIONS
DRAIN SENSE (1)
The DRAIN SENSE input monitors the voltage at the drain
of the external power MOSFET switch with respect to VSS.
An internal 10µA source pulls the DRAIN SENSE signal
towards the 5V reference level. DRAIN SENSE must be
held below 2.5V to enable the PG outputs.
VGATE (2)
The VGATE output activates an external power MOSFET
switch. This signal supplies a constant current output
(100µA typical), which allows easy adjustment of the
MOSFET turn on slew rate.
EN/TS (3)
The Enable/Temperature Sense input is the master en-
able input. If EN/TS is less than 2.5V, VGATE will be
disabled. This pin has an internal 200k
Ω pull-up to 5V.
PD1# and PD2# (4 & 5)
These are logic level active low inputs that can optionally
be employed to enable VGATE and the PG outputs when
they are at VSS. These pins each have an internal 50k
pull-up to 5V.
FAULT# (6)
This is an open-drain, active-low output that indicates the
fault status of the device.
RESET# (7)
Reset# is used to clear latched fault conditions. When this
pin is held low the VGATE and PG outputs are disabled.
Refer to the Circuit Breaker Operation and the associated
timing diagrams for detailed characteristics. This pin has
an internal 50k
Ω pull-up to 5V.
MODE (8)
The state of the MODE signal determines how fault
conditions are cleared. The device is in the latched mode
when the signal is held at VSS, and the cycle mode when
held at 5V or left floating. This pin has an internal 50k
pull-up to 5V.
CBSENSE (9)
The circuit breaker sense input is used to detect over-
current conditions across an external, low value sense
resistor (RS) tied in series with the Power MOSFET. A
voltage drop of greater than 50mV across the resistor for
longer than tCBD will trip the circuit breaker. A program-
mable Quick-Trip™ sense point is also available.
20-Pin SOIC
2051 PCon 1.0
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DRAIN SENSE
VGATE
EN/TS
PD1#
PD2#
FAULT#
RESET#
MODE
CBSENSE
VSS
VDD
PG2#
PG1#
PG3#
ENPGA
ENPGB
2.5VREF
5.0VREF
OV
UV
PRODUCT DESCRIPTION
The SMH4803A is an integrated solution for high reliability
systems to monitor and react to events that could have a
detrimental effect on a system. It can contain or limit faults
to a single circuit board before that fault propagates to the
system. Its programmability lets a single board satisfy
multiple circuit demands while customized to meet special
requirements.
The SMH4803A monitors and controls the primary voltage
in a distributed power system while providing for both hot-
swapping and secondary voltage sequencing in multi-
supply systems. The primary power source can be shut
down if events are sensed that could result in damage to
either the circuit board or the system supply. An external
FET switch is used to soft start the primary voltage once
normal operating conditions are met. The external FET
also uses an external shunt to monitor current for the
circuit breaker function.
The SMH4803A sequences secondary voltage by timed
or externally controlled outputs that enable DC/DC con-
verters. Its reference voltages provide isolation between
primary and secondary voltages, but allow expansion of its
features.


Número de pieza similar - SMH4803AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Summit Microelectronics...
SMH4803AEK SUMMIT-SMH4803AEK Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4803AEKP SUMMIT-SMH4803AEKP Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4803AEL SUMMIT-SMH4803AEL Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4803AELP SUMMIT-SMH4803AELP Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4803AEM SUMMIT-SMH4803AEM Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
More results

Descripción similar - SMH4803AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4812 SUMMIT-SMH4812 Datasheet
435Kb / 19P
   Distributed Power Hot-Swap Controller
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4811A SUMMIT-SMH4811A_09 Datasheet
936Kb / 15P
   Programmable Distributed Power Hot-Swap Controller for High-Availability Systems
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com