Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMH4814 Datasheet(PDF) 5 Page - Summit Microelectronics, Inc.

No. de pieza SMH4814
Descripción Electrónicos  Dual Feed Active-ORing Programmable Hot Swap Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMMIT [Summit Microelectronics, Inc.]
Página de inicio  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4814 Datasheet(HTML) 5 Page - Summit Microelectronics, Inc.

  SMH4814 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMH4814 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMH4814 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMH4814 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMH4814 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4814 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4814 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4814 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4814 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
SMH4814
Preliminary Information
Summit Microelectronics, Inc
2080 2.0 07/21/05
5
PIN DESCRIPTION (CONTINUED)
Pin No.
QFN
Pin Type
Name
Description
18
I
FEEDA
Connect to the -48V 'A' feed using a series 100k resistor. The voltage on
this pin is compared with the voltage on the FEEDB pin internally by the
supply arbitration logic to determine which voltage will be used.
19
I
DRAIN
SENSE
The DRAIN SENSE input monitors the voltage at the drain of the external
power MOSFET switch with respect to VSS. An internal 10µA source pulls
the DRAIN SENSE signal towards the 5V_CAP level. DRAIN SENSE must
be held below 2.5V to enable the PUPX outputs.
20
O
5V_CAP
External capacitor input used to filter the device’s internal operating supply.
Also a hold Capacitor to sequence down and to filter any power glitches.
21
O
VGATE_HS
The VGATE_HS output activates an external power MOSFET switch. This
signal controls inrush current by modulating the gate of the Hot Swap
MOSFET device. It supplies a programmable current output which allows
easy adjustment of the MOSFET turn-on slew rate.
22
O
VGATEB
This pin controls the gate of the active FET on FEEDB.
23
O
VGATEA
This pin controls the gate of the active FET on FEEDA
24
PWR
V12
This is the positive supply input. An internal shunt regulator limits the
voltage on this pin to approximately 12V with respect to VSS. A resistor
must be placed in series with the V12 pin to limit the regulator current (RD in
the application schematics).
25
I
FBD
Active-high, logic level input that can be used to indicate when the converter
controlled by PUPD is fully powered. A hold-off timer allows the secondary
side (which is not powered up initially) to control shut down via an opto-
isolator. See Figures 5 and 6.
26
I
FBC
Active-high, logic level input that can be used to indicate when the converter
controlled by PUPC is fully powered. A hold-off timer allows the secondary
side (which is not powered up initially) to control shut down via an opto-
isolator. See Figures 5 and 6.
27
I
FBB
Active-high, logic level input that can be used to indicate when the converter
controlled by PUPB is fully powered. A hold-off timer allows the secondary
side (which is not powered up initially) to control shut down via an opto-
isolator. See Figures 5 and 6.
28
I
FBA
Active-high, logic level input that can be used to indicate when the converter
controlled by PUPA is fully powered. A hold-off timer allows the secondary
side (which is not powered up initially) to control shut down via an opto-
isolator. See Figures 5 and 6.


Número de pieza similar - SMH4814

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Summit Microelectronics...
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
SMH4811A SUMMIT-SMH4811A Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
SMH4811AG SUMMIT-SMH4811AG Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
SMH4811AS SUMMIT-SMH4811AS Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
SMH4811A SUMMIT-SMH4811A_09 Datasheet
936Kb / 15P
   Programmable Distributed Power Hot-Swap Controller for High-Availability Systems
More results

Descripción similar - SMH4814

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX15068 MAXIM-MAX15068 Datasheet
555Kb / 17P
   Dual ORing, Single Hot-Swap Controller
Rev 0; 12/13
MAX5963 MAXIM-MAX5963 Datasheet
295Kb / 20P
   Dual, 7.5V to 76V, Hot-Swap and Diode ORing Controller
Rev 0; 10/08
logo
Linear Technology
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
   Dual Supply Hot Swap Controller
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
LT4220 LINER-LT4220 Datasheet
267Kb / 16P
   Dual Supply Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com