Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMM105NER00 Datasheet(PDF) 6 Page - Summit Microelectronics, Inc.

No. de pieza SMM105NER00
Descripción Electrónicos  Single-Channel Supply Voltage Marginer and Active DC Output Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMMIT [Summit Microelectronics, Inc.]
Página de inicio  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM105NER00 Datasheet(HTML) 6 Page - Summit Microelectronics, Inc.

Back Button SMM105NER00 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM105NER00 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM105NER00 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM105NER00 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM105NER00 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM105NER00 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM105NER00 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM105NER00 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM105NER00 Datasheet HTML 10Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SMM105
Preliminary Information
Summit Microelectronics, Inc
2068 1.8 09/20/05
6
DC OPERATING CHARACTERISTICS (CONTINUED)
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Notes
Min.
Typ.
Max
Unit
VREF
1.25VREF Output Voltage
RLOAD = 2KΩ to GND
1.24
1.25
1.26
V
VREF_CNTL
External VREF Voltage
Range
0.25
VDD
V
External VREF=1.25V, ±0.1%
-0.2
±0.1
+0.2
%
ADOCACC
ADOC/Margin Accuracy
ADOC trimmed to internal VREF
-0.5
±0.3
+0.5
%
AC OPERATING CHARACTERISTICS
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Notes
Min.
Typ.
Max
Unit
tDC_CONTROl
Active DC Control sampling period
Update period for Active
DC Control
1.7
ms
Tsettling
Settling Time
+ 10% change in voltage
with 0.1% ripple
100
ms
Fast Margin, nom to high,
TRIM_CAP=1
µF
20
ms
TTRIM
Trim Speed
Slow Margin, nom to high,
TRIM_CAP=1
µF
200
ms
0.2
ms
12.8
ms
25.6
ms
Tstart
Programmable Start Time
ADOC/Margining Start
time delay after Start pin is
enabled
51.2
ms


Número de pieza similar - SMM105NER00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CUI INC
SMM12 CUI-SMM12 Datasheet
474Kb / 4P
   DC-DC CONVERTER
07/20/2021
logo
Summit Microelectronics...
SMM150 SUMMIT-SMM150 Datasheet
382Kb / 22P
   Single-Channel Supply Voltage Marginer/Monitor
SMM150ECR00 SUMMIT-SMM150ECR00 Datasheet
382Kb / 22P
   Single-Channel Supply Voltage Marginer/Monitor
SMM150ECR01 SUMMIT-SMM150ECR01 Datasheet
382Kb / 22P
   Single-Channel Supply Voltage Marginer/Monitor
SMM150ECR02 SUMMIT-SMM150ECR02 Datasheet
382Kb / 22P
   Single-Channel Supply Voltage Marginer/Monitor
More results

Descripción similar - SMM105NER00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Summit Microelectronics...
SMM205 SUMMIT-SMM205 Datasheet
901Kb / 20P
   Dual Channel Supply Voltage Marginer and Active DC Output Controller
SMM605 SUMMIT-SMM605 Datasheet
899Kb / 23P
   Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
SMM605 SUMMIT-SMM605_11 Datasheet
366Kb / 24P
   Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
SMM665B SUMMIT-SMM665B Datasheet
867Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C Datasheet
639Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C_11 Datasheet
587Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM465 SUMMIT-SMM465 Datasheet
950Kb / 30P
   4-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM766B SUMMIT-SMM766B Datasheet
498Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
SMM766 SUMMIT-SMM766_11 Datasheet
420Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com