Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMM605 Datasheet(PDF) 6 Page - Summit Microelectronics, Inc.

No. de pieza SMM605
Descripción Electrónicos  Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMMIT [Summit Microelectronics, Inc.]
Página de inicio  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM605 Datasheet(HTML) 6 Page - Summit Microelectronics, Inc.

Back Button SMM605 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 10Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SMM605
Preliminary Information
Summit Microelectronics, Inc
2064 1.1 09/16/03
6
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias ...................... -55
°C to 125°C
Storage Temperature............................ -65
°C to 150°C
Terminal Voltage with Respect to GND:
VDD Supply Voltage ..........................-0.3V to 6.0V
12VIN Supply Voltage......................-0.3V to 15.0V
All Others ................................-0.3V to VDD + 0.7V
Output Short Circuit Current ............................... 100mA
Lead Solder Temperature (10 secs)……………….300
°C
Junction Temperature.......................…….....…...150°C
ESD Rating per JEDEC……………………..…..2000V
Latch-Up testing per JEDEC………..……....…
±100mA
Note - The device is not guaranteed to function outside its operating
rating. Stresses listed under Absolute Maximum Ratings may cause
permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions
outside those listed in the operational sections of the specification is
not implied. Exposure to any absolute maximum rating for extended
periods may affect device performance and reliability. Devices are
ESD sensitive. Handling precautions are recommended.
RECOMMENDED OPERATING CONDITIONS
Temperature Range (Industrial)...........–40
°C to +85°C
(Commercial) ............–5
°C to +70°C
VDD Supply Voltage .................................. 2.7V to 5.5V
12VIN Supply Voltage (1) ........................ 6.0V to 14.0V
VIN ............................................................ GND to VDD
VOUT ...................................................... GND to 15.0V
Package Thermal Resistance (
θJA)
48 Lead TQFP……………………………….…80
oC/W
Moisture Classification Level 1 (MSL 1) per J-STD- 020
Note 1 – Range depends on internal regulator set to 3.6V or 5.5V,
see 12VIN specification below.
DC OPERATING CHARACTERISTICS
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Notes
Min
Typ
Max
Unit
VDD
Supply Voltage
2.7
5.5
V
Internally regulated to 5.5V
10
14
V
12VIN
Supply Voltage
Internally regulated to 3.6V
6
14
V
IDD
Power Supply Current from VDD
All TRIM pins floating,
12VIN floating
3
5
mA
I12VIN
Power Supply Current from 12VIN
All TRIM pins floating,
VDD floating
3
5
mA
TRIM characteristics
TRIM Sourcing Maximum
Current
1.5
mA
ITRIM
TRIM output current through 100
Ω to
1.0V
TRIM Sinking Maximum
Current
1.5
mA
VTRIM
Margin Control and ADOC Range
Depends on Trim range of
DC-DC Converter
VREF_CNTL/
4
VDD
V
All other input and output characteristics
VDD = 2.7V
0.9xVDD
VDD
V
VIH
Input High Voltage (FS,
PWR_ON/OFF, MR#, SDA, SCL)
VDD = 5.0V
0.7xVDD
VDD
V
VDD = 2.7V
-0.1
0.1xVDD
V
VIL
Input Low Voltage (FS,
PWR_ON/OFF, MR#, SDA, SCL)
VDD = 5.0V
-0.1
0.3xVDD
V
VOL
Programmable Open Drain Outputs
(RST, HEALTHY, FAULT, PUPx)
ISINK = 1mA
0
0.4
V
IOL
Output Low Current
Note – Total ISINK from all PUPx pins
should not exceed 3mA or ADOCACC
specification will be affected
0
1.0
mA


Número de pieza similar - SMM605

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Summit Microelectronics...
SMM605 SUMMIT-SMM605_11 Datasheet
366Kb / 24P
   Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
More results

Descripción similar - SMM605

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Summit Microelectronics...
SMM605 SUMMIT-SMM605_11 Datasheet
366Kb / 24P
   Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
SMM205 SUMMIT-SMM205 Datasheet
901Kb / 20P
   Dual Channel Supply Voltage Marginer and Active DC Output Controller
SMM105 SUMMIT-SMM105 Datasheet
379Kb / 21P
   Single-Channel Supply Voltage Marginer and Active DC Output Controller
SMM665B SUMMIT-SMM665B Datasheet
867Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C Datasheet
639Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C_11 Datasheet
587Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM766B SUMMIT-SMM766B Datasheet
498Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
SMM766 SUMMIT-SMM766_11 Datasheet
420Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM766B SUMMIT-SMM766B_11 Datasheet
449Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com