Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMH4814NR05 Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

No. de pieza SMH4814NR05
Descripción Electrónicos  Dual Feed Active-ORing Programmable Hot Swap Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMMIT [Summit Microelectronics, Inc.]
Página de inicio  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4814NR05 Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMH4814NR05 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4814NR05 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4814NR05 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMH4814NR05 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMH4814NR05 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMH4814NR05 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMH4814NR05 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMH4814NR05 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMH4814NR05 Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
SMH4814
Preliminary Information
Summit Microelectronics, Inc
2080 2.0 07/21/05
11
Figure 5 - The SMH4814 cascade sequencing the supplies on and then monitoring for fault conditions.
FB
A
PUP
A
PUP
B
PUP
C
PUP
D
FB
B
FB
C
FB
D
t
PGD0
t
PGD2
t
PGD3
t
PGD2
0
1
2
<t
STT
t
PGD1
<t
STT
3
<t
STT
Figure 6 - The SMH4814 cascade sequencing the supplies off.
t
PGD0
t
PGD2
t
PGD3
t
PGD2
01
2
FB
A
PUP
A
PUP
B
PUP
C
PUP
D
FB
B
FB
C
FB
D
<t
STT
t
PGD1
<t
STT
3
<t
STT
TIMING DIAGRAMS (CONTINUED)


Número de pieza similar - SMH4814NR05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Summit Microelectronics...
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
SMH4811A SUMMIT-SMH4811A Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
SMH4811AG SUMMIT-SMH4811AG Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
SMH4811AS SUMMIT-SMH4811AS Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
SMH4811A SUMMIT-SMH4811A_09 Datasheet
936Kb / 15P
   Programmable Distributed Power Hot-Swap Controller for High-Availability Systems
More results

Descripción similar - SMH4814NR05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX15068 MAXIM-MAX15068 Datasheet
555Kb / 17P
   Dual ORing, Single Hot-Swap Controller
Rev 0; 12/13
MAX5963 MAXIM-MAX5963 Datasheet
295Kb / 20P
   Dual, 7.5V to 76V, Hot-Swap and Diode ORing Controller
Rev 0; 10/08
logo
Linear Technology
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
   Dual Supply Hot Swap Controller
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
LT4220 LINER-LT4220 Datasheet
267Kb / 16P
   Dual Supply Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com