Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMM766FR7 Datasheet(PDF) 5 Page - Summit Microelectronics, Inc.

No. de pieza SMM766FR7
Descripción Electrónicos  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMMIT [Summit Microelectronics, Inc.]
Página de inicio  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM766FR7 Datasheet(HTML) 5 Page - Summit Microelectronics, Inc.

  SMM766FR7 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM766FR7 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM766FR7 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM766FR7 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM766FR7 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM766FR7 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM766FR7 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM766FR7 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM766FR7 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
SMM766
Preliminary Information
Summit Microelectronics, Inc
2086 2.1 12/13/2005
5
PIN DESCRIPTIONS
Pin
Number
Pin
Type
Pin Name
Pin Description
1
DATA
SDA
SDA (Serial Data) is an open drain bi-directional pin used as the I
2C data
line.
2
CLK
SCL
SCL (Serial Clock) is an open drain input pin used as the I
2C Clock line.
3
IN
A2
The A2 (Address bit 2) pin is biased either to VDD_CAP or GND. When
communicating with the SMM766 over the 2-wire I
2C bus, A2 provides a
mechanism for assigning a unique bus address.
4
IN
MR#
MR# (Manual Reset) is an active low input. When asserted the RST# output
will become active. When de-asserted the RST# output will go inactive
immediately after a reset timeout period (tRTO) if there are no RST# trigger
sources active. This timeout period makes it suitable to use as a pushbutton
for manual reset purposes.
5
I/O
PWR_ON
PWR_ON (Power On) is an open drain bi-directional pin. On the rising edge
of PWR_ON the part will sequence the supplies on, during the falling edge
the part will sequence the supplies off. This pin must be tied high through an
external pull-up resistor.
Note: The SMM766 does not monitor for faults during power-on/off
sequencing.
6
I/O
FS#
FS# (Force Shutdown) is an open drain active low bi-directional pin. FS# is
used to immediately turn off all converter enable signals (PUP outputs) when
a fault is detected. Whenever FS# is asserted PWR_ON will automatically be
pulled low as well. This pin must be tied high through an external pull-up
resistor.
7
OUT
FAULT#
The FAULT# pin is an active low open drain output.
Active when a
programmed fault condition exists on AIN1, AIN2, or the internal temperature
sensor. When used, FAULT# should be pulled high through an external pull-
up resister.
8
OUT
HEALTHY
HEALTHY is an active high open drain output. Active when all programmed
power supply inputs and monitored inputs are within OV and UV limits and
ADOC has begun. When used, HEALTHY should be pulled high through an
external pull-up resistor.
9
OUT
RST#
RST# (Reset) is an active low open drain output pin.
Active when a
programmed fault condition exists on any power supply inputs or monitored
inputs, when MR# is active, or when ADOC is not ready. RST# has a
programmable timeout period with options for 0.64ms, 25ms, 100ms and
200ms. When used, RST# should be pulled high through an external pull-up
resistor.
10
IN
AIN1
AIN1 (Analog Input 1) is a general-purpose monitored analog input.
11
IN
AIN2
AIN2 (Analog Input 2) is a general-purpose monitored analog input.
12
GND
GND
Ground.


Número de pieza similar - SMM766FR7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Summit Microelectronics...
SMM766B SUMMIT-SMM766B Datasheet
498Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
SMM766B SUMMIT-SMM766B_11 Datasheet
449Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM766 SUMMIT-SMM766_11 Datasheet
420Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
More results

Descripción similar - SMM766FR7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Summit Microelectronics...
SMM766B SUMMIT-SMM766B Datasheet
498Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
SMM766 SUMMIT-SMM766_11 Datasheet
420Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM766B SUMMIT-SMM766B_11 Datasheet
449Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM764 SUMMIT-SMM764 Datasheet
385Kb / 33P
   Four-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM665B SUMMIT-SMM665B Datasheet
867Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C Datasheet
639Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C_11 Datasheet
587Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM465 SUMMIT-SMM465 Datasheet
950Kb / 30P
   4-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM605 SUMMIT-SMM605 Datasheet
899Kb / 23P
   Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com