Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMS1242S Datasheet(PDF) 7 Page - Summit Microelectronics, Inc.

No. de pieza SMS1242S
Descripción Electrónicos  2.5V, 3V, 3.3V & 5V Dual Voltage, Dual Reset Microprocessor Supervisory Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMMIT [Summit Microelectronics, Inc.]
Página de inicio  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS1242S Datasheet(HTML) 7 Page - Summit Microelectronics, Inc.

Back Button SMS1242S Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS1242S Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS1242S Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS1242S Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS1242S Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS1242S Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS1242S Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS1242S Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS1242S Datasheet HTML 11Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
2038 2.0 6/8/00
SMS1242
SUMMIT MICROELECTRONICS, Inc.
MEMORY OPERATION
The SMS1242 memory is configured as a 2k
× 8 array.
Data is read and written via an industry standard two-wire
interface. The bus was designed for two-way, two-line
serial communication between different integrated cir-
cuits. The two lines are a serial data line (SDA) and a serial
clock line (SCL). The SDA line must be connected to a
positive supply by a pull-up resistor located somewhere on
the bus
Input Data Protocol
The protocol defines any device that sends data onto the
bus as a “transmitter” and any device that receives data as
a “receiver.” The device controlling data transmission is
called the “master” and the controlled device is called the
“slave.” In all cases the SMS1242 will be a “slave” device
since it never initiates a data transfer.
One data bit is transferred during each clock pulse. The
data on the SDA line must remain stable during clock high
time, because changes on the data line while SCL is high
will be interpreted as start or stop condition.
START and STOP Conditions
When both the data and clock lines are high the bus is said
to be not busy. A high-to-low transition on the data line
while the clock is high is defined as the “START” condition.
A low-to-high transition on the data line while the clock is
high is defined as the “STOP” condition.
Acknowledge (ACK)
Acknowledge is a software convention used to indicate
successful data transfers. The transmitting device, either
the master or the slave, will release the bus after transmit-
ting eight bits. During the ninth clock cycle the receiver will
pull the SDA line low to ACKnowledge that it received the
eight bits of data.
The SMS1242 will respond with an ACKnowledge after
recognition of a START condition and its slave address
byte. If both the device and a write operation are selected,
the SMS1242 will respond with an ACKnowledge after the
receipt of each subsequent 8-bit word. In the READ mode
the SMS1242 transmits eight bits of data, then releases
the SDA line, and monitors the line for an ACKnowledge
signal. If an ACKnowledge is detected and no STOP
condition is generated by the master, the SMS1242 will
continue to transmit data. If an ACKnowledge is not
detected the SMS1242 will terminate further data trans-
missions and await a STOP condition before returning to
the standby power mode.
Device Addressing
Following a start condition the master must output the
address of the slave it is accessing. The most significant
four bits of the slave address are the device type identifier.
For the SMS1242 this is fixed as 1010BIN. The next three
bits are the Most Significant Bits of the data address. They
are supplied for write operations, and are "don't care" for
read operations.
Read/Write Bit
The last bit of the data stream defines the operation to be
performed. A “1” indicates a read operation; and a “0,” a
write operation.
2038 Table02 2.0
r
e
i
f
i
t
n
e
d
I
e
c
i
v
e
Ds
t
i
B
s
s
e
r
d
d
A
S
MW
/
R
10
10
0
1
A9
A8
A0
/
1
WRITE OPERATIONS
The SMS1242 allows two types of write operations: byte
write and page write. A byte write operation writes a single
byte during the nonvolatile write period (tWR). The page
write operation allows up to 16 bytes in the same page to
be written during tWR.
Byte Write
Upon receipt of the word address the SMS1242 responds
with an ACKnowledge. After receiving the next byte of
data it responds with another ACKnowledge. The master
then terminates the transfer by generating a STOP condi-
tion, at which time the SMS1242 begins the internal write
cycle. While the internal write cycle is in progress the
SMS1242 inputs are disabled and the device will not
respond to any requests from the master.
Page Write
The SMS1242 is capable of a 16-byte page write opera-
tion. It is initiated in the same manner as the byte-write
operation, but instead of terminating the write cycle after
the first data word the master can transmit up to 15 more
bytes of data. After the receipt of each byte the SMS1242
will respond with an ACKnowledge.
The SMS1242 automatically increments the address for
subsequent data words. After the receipt of each word, the
low order address bits are internally incremented by one.
The high order bits of the address byte remain constant.


Número de pieza similar - SMS1242S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
SMS12 SEMTECH-SMS12 Datasheet
161Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection???
logo
Microsemi Corporation
SMS12 MICROSEMI-SMS12 Datasheet
227Kb / 2P
   4 LINE UNIDIRECTIONAL TVSarray
logo
Protek Devices
SMS12 PROTEC-SMS12 Datasheet
707Kb / 8P
   MULTI-LINE TVS ARRAY
SMS12 PROTEC-SMS12 Datasheet
710Kb / 8P
   MULTI-LINE TVS ARRAY
logo
Shanghai Leiditech Elec...
SMS12 LEIDITECH-SMS12 Datasheet
160Kb / 3P
   USB 2.0 power and data line
More results

Descripción similar - SMS1242S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ams AG
AS1910 AMSCO-AS1910 Datasheet
158Kb / 2P
   Dual-Voltage Microprocessor Supervisory Circuits with Reset and Watchdog
AS1910 AMSCO-AS1910_1 Datasheet
384Kb / 15P
   Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Maxim Integrated Produc...
MAX817L MAXIM-MAX817L Datasheet
114Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 1; 3/96
MAX817L MAXIM-MAX817L_05 Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
logo
Linear Technology
LTC695-3.3 LINER-LTC695-3.3_15 Datasheet
199Kb / 20P
   3.3V Microprocessor Supervisory Circuits
LTC694-3.3 LINER-LTC694-3.3 Datasheet
148Kb / 16P
   3.3V Microprocessor Supervisory Circuits
LTC694-3.3 LINER-LTC694-3.3_15 Datasheet
199Kb / 20P
   3.3V Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com