Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME78L05AJHAZ Datasheet(PDF) 5 Page - Analog Microelectronics

No. de pieza AME78L05AJHAZ
Descripción Electrónicos  100mA Positive Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME78L05AJHAZ Datasheet(HTML) 5 Page - Analog Microelectronics

  AME78L05AJHAZ Datasheet HTML 1Page - Analog Microelectronics AME78L05AJHAZ Datasheet HTML 2Page - Analog Microelectronics AME78L05AJHAZ Datasheet HTML 3Page - Analog Microelectronics AME78L05AJHAZ Datasheet HTML 4Page - Analog Microelectronics AME78L05AJHAZ Datasheet HTML 5Page - Analog Microelectronics AME78L05AJHAZ Datasheet HTML 6Page - Analog Microelectronics AME78L05AJHAZ Datasheet HTML 7Page - Analog Microelectronics AME78L05AJHAZ Datasheet HTML 8Page - Analog Microelectronics AME78L05AJHAZ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AME, Inc.
5
AME78LXX
100mA Positive Linear Regulator
n Ordering Information (contd.)
Part Number
Package
Lead Pitch
AME78LXXXJAT
TO-92 Taping
5.04mm
AME78LXXXJAT-1
TO-92 Bulk
2.54mm
* Package Options
Part Number
Marking*
Output Voltage
Package
Operating Temp. Range
AME78L09AJHA
78L09
AJHA
yyww
9V
SO-8
-40
oC to 125oC
AME78L09AJHAZ
78L09
AJHA
yyww
9V
SO-8
-40
oC to 125oC
AME78L09AJAT
AME
78L09
AJAT
yyww
9V
TO-92
-40
oC to 125oC
AME78L09AJATZ
AME
78L09
AJAT
yyww
9V
TO-92
-40
oC to 125oC
AME78L12AJFT
A78L12
AJFww
12V
SOT-89
-40
oC to 125oC
AME78L12AJFTZ
A78L12
AJFww
12V
SOT-89
-40
oC to 125oC
AME78L12AJHA
78L12
AJHA
yyww
12V
SO-8
-40
oC to 125oC
AME78L12AJHAZ
78L12
AJHA
yyww
12V
SO-8
-40
oC to 125oC
AME78L12AJAT
AME
78L12
AJAT
yyww
12V
TO-92
-40
oC to 125oC
AME78L12AJATZ
AME
78L12
AJAT
yyww
12V
TO-92
-40
oC to 125oC


Número de pieza similar - AME78L05AJHAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AME7805 ETC1-AME7805 Datasheet
150Kb / 14P
   1A Positive Linear Regulator
AME78051JBSZ ETC1-AME78051JBSZ Datasheet
150Kb / 14P
   1A Positive Linear Regulator
AME78051JBTZ ETC1-AME78051JBTZ Datasheet
150Kb / 14P
   1A Positive Linear Regulator
AME78051JCSZ ETC1-AME78051JCSZ Datasheet
150Kb / 14P
   1A Positive Linear Regulator
AME78051JCTZ ETC1-AME78051JCTZ Datasheet
150Kb / 14P
   1A Positive Linear Regulator
More results

Descripción similar - AME78L05AJHAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
   BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
logo
BCD Semiconductor Manuf...
AS78L05Z-E1 BCDSEMI-AS78L05Z-E1_09 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX_07 Datasheet
202Kb / 16P
   100mA POSITIVE VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
   100mA Positive Voltage Regulator
VER1.5
logo
TAITRON Components Inco...
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
   100mA Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX Datasheet
175Kb / 15P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM78L00 GAMMA-GM78L00_12 Datasheet
178Kb / 12P
   100mA POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_13 Datasheet
972Kb / 18P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Diodes Incorporated
AS78LXX DIODES-AS78LXX Datasheet
402Kb / 17P
   100mA POSITIVE VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
   100mA Adjustable Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com