Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8750BEEY1825Z Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

No. de pieza AME8750BEEY1825Z
Descripción Electrónicos  Low-Dropout 150mA / 150mA Dual CMOS Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AME8750BEEY1825Z Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AME8750BEEY1825Z Datasheet HTML 2Page - Asahi Kasei Microsystems AME8750BEEY1825Z Datasheet HTML 3Page - Asahi Kasei Microsystems AME8750BEEY1825Z Datasheet HTML 4Page - Asahi Kasei Microsystems AME8750BEEY1825Z Datasheet HTML 5Page - Asahi Kasei Microsystems AME8750BEEY1825Z Datasheet HTML 6Page - Asahi Kasei Microsystems AME8750BEEY1825Z Datasheet HTML 7Page - Asahi Kasei Microsystems AME8750BEEY1825Z Datasheet HTML 8Page - Asahi Kasei Microsystems AME8750BEEY1825Z Datasheet HTML 9Page - Asahi Kasei Microsystems AME8750BEEY1825Z Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AME, Inc.
6
Low-Dropout
150mA / 150mA Dual CMOS Regulator
AME8750
Parameter
Symbol
Min
Typ
Max
Units
Input Supply Voltage
VIN
Note1
5.5
V
Quiescent Current
IQ
70
160
µA
-1.5
1.5
TJ=25
oC
-0.2
0.2
TJ=-40
oC to +125oC -0.25
0.25
Load Regulation
REGLOAD
1mA<IOUT
TJ=-40
oC to +125oC -0.005 +0.0025 0.005 %/mA
Current Limit
ILIM
180
600
Short Circuit Current
ISC
200
350
55
55
48
550
µVRMS
5.5
µV/√ H
Z
VEH
VIN=2.4V to 5.5V
2.4
V
VEL
VIN=2.4V to 5.5V
0.4
V
IEL
EN=0V
IEH
EN=5V
Shutdown Current
ISHDN
0.3
1
Start-Up Rise Time
1.25
ms
Over Temperature Shutdown
OTS
150
oC
Over Temperature Hysteresis
OTH
20
oC
mV
300
mV
Dropout Voltage
VDROP
TJ=-40
oC to +125oC
1
350
IOUT1=IOUT2=150mA
(VO=VO(NOM)-2%),
VO(NOM)<2.5V
EN Input Bias Current
TJ=-40
oC to +125oC
IOUT1=IOUT2=150mA
(VO=VO(NOM)-2%),
VO(NOM)>=2.5V
µA
VIN=5.0V, EN1=EN2=0V
PSRR
0mA<IOUT<=150mA
VOUT+1V<V IN<5.5V
mA
en
-2
2
%
Over Temperature Protection
dB
Output Voltage Noise
Ripple Rejection
f=100HZ, CBYP=10nF, IOUT=1mA
f=1kHZ, CBYP=10nF, IOUT=1mA
VIN=5.0V
-1
0.5
%/V
Line Regulation
REGLINE
VOUT+1V<V IN<5.5V,
IOUT=1mA
Test Condition
IOUT=1mA
IN
VOUT
TJ=-40
oC to +125oC
Output Voltage
VO
OUT1, OUT2
CBYP=10nF
BYP
f=10kHZ, CBYP=10nF, IOUT=1mA
f=1kHz to 100kHz
CBYP=10nF, COUT=1µF
EN1, EN2
f=1kHz to 100kHz
CBYP=10nF, COUT=1µF
Enable Input Threshold
Note1: V
IN(min) =Higher VOUT+ V Dropout
n Electrical Specifications
Unless specified: T
J=25
OC, V
IN=Higher VOUT+1V, IOUT1=IOUT2=1mA, CIN=COUT=1.0µF, VEN1=VEN2=VIN
Typical values are at T
J=25
OC


Número de pieza similar - AME8750BEEY1825Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
AME8753AEZA2533Z AME-AME8753AEZA2533Z Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
AME8755-AEY180280 AMETHERM-AME8755-AEY180280 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
AME8755-BEY180280 AMETHERM-AME8755-BEY180280 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
More results

Descripción similar - AME8750BEEY1825Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221_06 Datasheet
201Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
LX8221 MICROSEMI-LX8221 Datasheet
218Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211_07 Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211 Datasheet
318Kb / 9P
   150mA CMOS Low Dropout Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
Power Analog Micoelectr...
PAM3102 PAM-PAM3102 Datasheet
301Kb / 11P
   Dual 150mA High PSRR Low-Dropout CMOS Regulator
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
   DUAL 150mA LOW DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
   Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966IMMX-3325 TI-LP2966IMMX-3325 Datasheet
1Mb / 21P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
logo
Microsemi Corporation
LX8211A MICROSEMI-LX8211A Datasheet
269Kb / 9P
   150mA Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com