Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8750BEEY1825Y Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

No. de pieza AME8750BEEY1825Y
Descripción Electrónicos  Low-Dropout 150mA / 150mA Dual CMOS Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AME8750BEEY1825Y Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AME8750BEEY1825Y Datasheet HTML 1Page - Asahi Kasei Microsystems AME8750BEEY1825Y Datasheet HTML 2Page - Asahi Kasei Microsystems AME8750BEEY1825Y Datasheet HTML 3Page - Asahi Kasei Microsystems AME8750BEEY1825Y Datasheet HTML 4Page - Asahi Kasei Microsystems AME8750BEEY1825Y Datasheet HTML 5Page - Asahi Kasei Microsystems AME8750BEEY1825Y Datasheet HTML 6Page - Asahi Kasei Microsystems AME8750BEEY1825Y Datasheet HTML 7Page - Asahi Kasei Microsystems AME8750BEEY1825Y Datasheet HTML 8Page - Asahi Kasei Microsystems AME8750BEEY1825Y Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AME, Inc.
3
AME8750
Low-Dropout
150mA / 150mA Dual CMOS Regulator
Operating Ambient Temperature Range
Number of Pins
Package Type
Pin Configuration
Special Feature
AME8750 x x x x xxxx x
Output Voltage
n Ordering Information (contd.)
A
1. VOUT2
E: -40
OC to +85OC
E: SOT-2X
Y: 6
1825: VOUT1=1.8V Y: Lead free & Low profile
(SOT-26)
2. GND
VOUT2=2.5V Z: Lead free
3. BYP
4. EN
1828: VOUT1=1.8V
5. VIN
VOUT2=2.8V
6. VOUT1
B
1. VOUT2
(SOT-26)
2. GND
3. EN2
4. EN1
5. VIN
6. VOUT1
Special Feature
Pin
Configuration
Operating Ambient
Temperature Range
Output
Voltage
(Both LDOs)
Package
Type
Number
of
Pins


Número de pieza similar - AME8750BEEY1825Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
AME8753AEZA2533Z AME-AME8753AEZA2533Z Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
AME8755-AEY180280 AMETHERM-AME8755-AEY180280 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
AME8755-BEY180280 AMETHERM-AME8755-BEY180280 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
More results

Descripción similar - AME8750BEEY1825Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221_06 Datasheet
201Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
LX8221 MICROSEMI-LX8221 Datasheet
218Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211_07 Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211 Datasheet
318Kb / 9P
   150mA CMOS Low Dropout Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
Power Analog Micoelectr...
PAM3102 PAM-PAM3102 Datasheet
301Kb / 11P
   Dual 150mA High PSRR Low-Dropout CMOS Regulator
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
   DUAL 150mA LOW DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
   Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966IMMX-3325 TI-LP2966IMMX-3325 Datasheet
1Mb / 21P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
logo
Microsemi Corporation
LX8211A MICROSEMI-LX8211A Datasheet
269Kb / 9P
   150mA Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com